Electronic Components Datasheet Search
  English  ▼

X  

TP8005 Datasheet(PDF) 7 Page - Shenzhen Tianyuan Semiconductor Co., Ltd.

Part # TP8005
Description  36V/1.2A high dimming ratio LED driver
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TPOWER [Shenzhen Tianyuan Semiconductor Co., Ltd.]
Direct Link  http://www.tpower-ic.com/
Logo TPOWER - Shenzhen Tianyuan Semiconductor Co., Ltd.

TP8005 Datasheet(HTML) 7 Page - Shenzhen Tianyuan Semiconductor Co., Ltd.

  TP8005 Datasheet HTML 1Page - Shenzhen Tianyuan Semiconductor Co., Ltd. TP8005 Datasheet HTML 2Page - Shenzhen Tianyuan Semiconductor Co., Ltd. TP8005 Datasheet HTML 3Page - Shenzhen Tianyuan Semiconductor Co., Ltd. TP8005 Datasheet HTML 4Page - Shenzhen Tianyuan Semiconductor Co., Ltd. TP8005 Datasheet HTML 5Page - Shenzhen Tianyuan Semiconductor Co., Ltd. TP8005 Datasheet HTML 6Page - Shenzhen Tianyuan Semiconductor Co., Ltd. TP8005 Datasheet HTML 7Page - Shenzhen Tianyuan Semiconductor Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
TP8005
36V/1.2A 高调光比 LED 驱动器
V1.0
Shen Zhen TPOWER Semiconductor
7
封装形式
SOT89-5L
注明: 本公司对本文档有修改的权利,本公司对本文档的修改恕不另行通知。



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com