Electronic Components Datasheet Search
  English  ▼

X  

TP8205 Datasheet(PDF) 1 Page - Shenzhen Tianyuan Semiconductor Co., Ltd.

Part # TP8205
Description  High precision double winding primary feedback LED constant current driver chip
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TPOWER [Shenzhen Tianyuan Semiconductor Co., Ltd.]
Direct Link  http://www.tpower-ic.com/
Logo TPOWER - Shenzhen Tianyuan Semiconductor Co., Ltd.

TP8205 Datasheet(HTML) 1 Page - Shenzhen Tianyuan Semiconductor Co., Ltd.

  TP8205 Datasheet HTML 1Page - Shenzhen Tianyuan Semiconductor Co., Ltd. TP8205 Datasheet HTML 2Page - Shenzhen Tianyuan Semiconductor Co., Ltd. TP8205 Datasheet HTML 3Page - Shenzhen Tianyuan Semiconductor Co., Ltd. TP8205 Datasheet HTML 4Page - Shenzhen Tianyuan Semiconductor Co., Ltd. TP8205 Datasheet HTML 5Page - Shenzhen Tianyuan Semiconductor Co., Ltd. TP8205 Datasheet HTML 6Page - Shenzhen Tianyuan Semiconductor Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
TP8205
高精度的双绕组原边反馈 LED 恒流驱动芯片
V1.1
Shenzhen TPOWER Semiconductor
1
概述
TP8205是一款高精度的双绕组原边反馈的反激型LED恒流
驱动芯片。芯片工作在电感电流断续模式,特别适合于
85VAC~265VAC全电压输入范围的小功率隔离式LED照明
系统应用。
TP8205采用源极驱动方式和专有的变压器双绕组控制技
术,无需利用变压器的辅助绕组来反馈LED的输出电流就可
以实现LED恒流输出。同时TP8205的工作电流很低,无需
变压器辅助绕组来给芯片进行供电。
TP8205 工作在原边反馈模式下,通过原边反馈的信息即可
以实现高精度的 LED 恒流输出,并不需要光耦、次级反馈
电路和任何补偿电路。此外,TP8205 内部集成了 650V 功
率管,这样只需要很少的外围元件,即可实现高精度的 LED
恒流输出,显著地简化了 LED 照明系统的设计。
TP8205工作电压范围宽,适用于85VAC~265VAC全电压
范围的交流输入。同时TP8205集成了多种保护功能,以保
证系统的稳定和可靠。包括VCC供电欠压保护,LED开路
保护,LED短路保护和芯片过温保护等。
特点
 内部集成 650V 功率管
 原边反馈模式,不需要次级反馈电路
 变压器双绕组控制技术
 工作电流低,不需辅助绕组供电
 宽输入电压范围
 ±5% LED 输出电流精度
 VCC 电源钳位功能
 LED 开路保护
 LED 短路保护
 芯片供电欠压保护
 芯片过温保护
 自动重启动功能
 系统体积小,BOM 成本低
 采用 SOP8L 封装
应用
 GU10 LED 射灯
 E17/E27 LED 蜡烛灯
 LED 球泡灯
 其它 LED 照明
典型应用电路


Similar Part No. - TP8205

ManufacturerPart #DatasheetDescription
logo
InnovASIC, Inc
TP82050 INNOVASIC-TP82050 Datasheet
342Kb / 22P
Asynchronous Serial Controller
More results

Similar Description - TP8205

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
WS9224 ETC2-WS9224 Datasheet
552Kb / 7P
High Precision PSR Constant Current LED Driver
logo
Bright Power Semiconduc...
BP3125 BPS-BP3125 Datasheet
400Kb / 10P
High Precision PSR Constant Current LED Driver
logo
Shenzhen Tianyuan Semic...
TP8221D TPOWER-TP8221D Datasheet
588Kb / 6P
Primary side feedback of integrated power tube LED constant current driver chip
TP8207 TPOWER-TP8207 Datasheet
584Kb / 6P
High precision double winding primary feedback LED constant current driver chip
TP8217 TPOWER-TP8217 Datasheet
633Kb / 7P
Three-stage switch dimming double winding primary feedback LED driver chip
TP8220 TPOWER-TP8220 Datasheet
569Kb / 6P
High precision primary feedback LED constant current driver chip
TP8221 TPOWER-TP8221 Datasheet
601Kb / 6P
Primary side feedback of integrated power tube LED constant current driver chip
TP8230 TPOWER-TP8230 Datasheet
642Kb / 6P
Three-stage switch dimming primary side feedback LED constant current driver chip
TP8301 TPOWER-TP8301 Datasheet
581Kb / 6P
High power factor primary side feedback LED constant current driver chip
logo
Shanghai Orient-Chip Te...
OCP8155 ORIENT-CHIP-OCP8155 Datasheet
265Kb / 8P
High Precision Primary-side Feedback Constant Current Converter
Ver 1.0 April. 01, 2013
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com