Electronic Components Datasheet Search
  English  ▼

X  

54ACT3301 Datasheet(PDF) 2 Page - Silicon Supplies

Part # 54ACT3301
Description  CMOS Clock Generator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SS [Silicon Supplies]
Direct Link  https://siliconsupplies.com/
Logo SS - Silicon Supplies

54ACT3301 Datasheet(HTML) 2 Page - Silicon Supplies

  54ACT3301 Datasheet HTML 1Page - Silicon Supplies 54ACT3301 Datasheet HTML 2Page - Silicon Supplies 54ACT3301 Datasheet HTML 3Page - Silicon Supplies 54ACT3301 Datasheet HTML 4Page - Silicon Supplies 54ACT3301 Datasheet HTML 5Page - Silicon Supplies 54ACT3301 Datasheet HTML 6Page - Silicon Supplies 54ACT3301 Datasheet HTML 7Page - Silicon Supplies 54ACT3301 Datasheet HTML 8Page - Silicon Supplies 54ACT3301 Datasheet HTML 9Page - Silicon Supplies Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
d
CMOS Clock Generator – 54ACT3301
Rev 1.1
06/05/19
COORDINATES (µm)
PAD
FUNCTION
X
Y
1
OSC_OUT
275
1360
2
NOT USED
70
1370
3
NOT USED
85
1160
4
NOT USED
85
860
5
OEL
85
605
6
OEH
85
330
7
OSC_LO_1
220
70
8
GND
535
70
9
OUT
845
70
10
VCC
1110
70
11
TRF
1315
215
12
DIVA
1315
560
13
OSC_DR
1315
905
14
DIVB
1315
1250
15
OSC_LO_2
1110
1360
16
DIVBB
915
1360
17
OSC_IN
720
1360
18
NOT USED
550
1360
CONNECT CHIP BACK TO VCC OR FLOAT
Pad Layout and Functions
1575µm (62 mils)
Truth Tables
DIVB
DIVA
OEL
OEH
DIVIDER OUTPUT
V½
0 / F
X
X
Divide-by 1
1
0 / F
0
1
Divide-by 2
0
0 / F
0
1
Divide-by 4
V½
1
0
1
Divide-by 8
1
1
0
1
Divide-by 16
0
1
0
1
Divide-by 32
X
X
1
X
Output Reset High
at Re-enable
X
X
X
0
Output Reset High
at Re-enable
DIVISION SELECTION
OSC_DR
OSC_OUT DRIVE
0
Low
1
Medium
V½
High
DRIVE SELECTION
0,0
OSC_DR
DIV
TRF
RISE /
FALL TIME
(ns)
V½
N
0 / F
2
V½
N
1
<2
V½
Y
0 / F
4
V½
Y
1
2
0 / 1
X
0 / F
4
0 / 1
X
1
2
RISE AND FALL TIME SELECTION
INPUT LEVEL
1
High voltage
0
Low voltage
V½
VCC/2
F
Floating
X
Irrelevant
1
4
5
6
7
8
9
10
11
12
13
DIE ID
16
14
15
17
18
2
3
Page 2 of 10
www.siliconsupplies.com



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com