Electronic Components Datasheet Search
  English  ▼

X  

54ACT32 Datasheet(PDF) 3 Page - Silicon Supplies

Part # 54ACT32
Description  Advanced CMOS TTL Input
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SS [Silicon Supplies]
Direct Link  https://siliconsupplies.com/
Logo SS - Silicon Supplies

54ACT32 Datasheet(HTML) 3 Page - Silicon Supplies

  54ACT32 Datasheet HTML 1Page - Silicon Supplies 54ACT32 Datasheet HTML 2Page - Silicon Supplies 54ACT32 Datasheet HTML 3Page - Silicon Supplies 54ACT32 Datasheet HTML 4Page - Silicon Supplies 54ACT32 Datasheet HTML 5Page - Silicon Supplies  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Page 3 of 5
www.siliconsupplies.com
Advanced CMOS TTL Input – 74ACT32
Rev 1.0
10/05/19
Recommended Operating Conditions3 (Voltages Referenced to GND)
Absolute Maximum Ratings1
PARAMETER
SYMBOL
VALUE
UNIT
DC Supply Voltage (Referenced to GND)
VCC
-0.5 to +7.0
V
DC Input Voltage (Referenced to GND)
VIN
-0.5 to VCC +0.5
V
DC Output Voltage (Referenced to GND)
VOUT
-0.5 to VCC +0.5
V
DC Input Current
IIN
±20
mA
DC Output Current, per pad
IOUT
±50
mA
DC Supply Current, VCC or GND, per pad
ICC
±50
mA
Power Dissipation in Still Air
2
PD
750
mW
Storage Temperature Range
TSTG
-65 to 150
°C
1. Operation above the absolute maximum rating may cause device failure. Operation at the absolute maximum ratings, for extended periods, may
reduce device reliability. 2. Measured in plastic DIP package, results in die form are dependent on die attach and assembly method.
3. This device contains protection circuitry to guard against damage due to high static voltages or electric fields. However, precautions must be taken
to avoid applications of any voltage higher than maximum rated voltages to this high-impedance circuit. For proper operation, VIN and VOUT should be
constrained to the range GND ≤ (VIN or VOUT) ≤ VCC. Unused inputs must always be tied to an appropriate logic voltage level (e.g., either GND or VCC).
Unused outputs must be left open.
PARAMETER
SYMBOL
MIN
MAX
UNITS
DC Supply Voltage
VCC
4.5
5.5
V
DC Input or Output Voltage
VIN ,VOUT
0
VCC
V
Operating Temperature Range
TJ
-40
+85
°C
Output current - High
IOH
-
-24
mA
Output current - Low
IOL
-
24
mA
VCC = 4.5V
0
10
Input Rise or Fall rate
(VIN from 0.8V to 2V)
VCC = 5.5V
Δt/ΔV
0
8
ns/V
DC Electrical Characteristics (Voltages referenced to GND)
4 -40˚C ≤ TJ ≤ +85˚C
.
LIMITS
PARAMETER
SYMBOL
VCC
CONDITIONS
25°C
85°C
FULL RANGE
4
UNITS
4.5V
2
2
2
Minimum High-Level
Input Voltage
VIH
5.5V
VOUT = 0.1V or VCC
-0.1V
2
2
2
V
4.5V
0.8
0.8
0.8
Maximum Low-Level
Input Voltage
VIL
5.5V
VOUT = 0.1V or VCC
-0.1V
0.8
0.8
0.8
V
4.5V
4.4
4.4
4.4
5.5V
IOUT = -50µA
5.4
5.4
5.4
V
4.5V
3.86
3.76
3.76
Minimum High-Level
Output Voltage
VOH
5.5V
VIN = VIL or VIH
5
IOH = -24mA
4.86
4.76
4.76
V



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com