Electronic Components Datasheet Search
  English  ▼

X  

TP8230 Datasheet(PDF) 1 Page - Shenzhen Tianyuan Semiconductor Co., Ltd.

Part # TP8230
Description  Three-stage switch dimming primary side feedback LED constant current driver chip
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TPOWER [Shenzhen Tianyuan Semiconductor Co., Ltd.]
Direct Link  http://www.tpower-ic.com/
Logo TPOWER - Shenzhen Tianyuan Semiconductor Co., Ltd.

TP8230 Datasheet(HTML) 1 Page - Shenzhen Tianyuan Semiconductor Co., Ltd.

  TP8230 Datasheet HTML 1Page - Shenzhen Tianyuan Semiconductor Co., Ltd. TP8230 Datasheet HTML 2Page - Shenzhen Tianyuan Semiconductor Co., Ltd. TP8230 Datasheet HTML 3Page - Shenzhen Tianyuan Semiconductor Co., Ltd. TP8230 Datasheet HTML 4Page - Shenzhen Tianyuan Semiconductor Co., Ltd. TP8230 Datasheet HTML 5Page - Shenzhen Tianyuan Semiconductor Co., Ltd. TP8230 Datasheet HTML 6Page - Shenzhen Tianyuan Semiconductor Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
TP8230
三段式开关调光的原边反馈 LED 恒流驱动芯片
V1.1
Shenzhen TPOWER Semiconductor
1
概述
TP8230是一款具有三段式开关调光功能的原边反馈LED恒
流驱动芯片。适合于85VAC~265VAC全电压输入范围的隔
离式LED照明系统调光应用。
TP8230集成了三段式开关调光功能。LED输出电流可以通
过普通开关的开关动作在100%、50%和10%之间进行切
换。TP8230的调光方式简单方便,只需要普通的开关而不
需要额外的调光器,简化了LED照明系统的设计。
TP8230采用原边反馈的控制方式,通过原边反馈的信息即
可以实现高精度的LED恒流输出。TP8230工作在准谐振开
关模式,功率管处于零电流状态导通。这有效地减小了功
率管的开关损耗,提高了系统效率。TP8230集成了线电压
补偿和负载补偿功能,系统具有优异的线电压调整率和负
载调整率。
TP8230工作电压范围宽,适用于85VAC~265VAC全电压
范围的交流输入。同时TP8230集成了多种保护功能以保证
系统的稳定和可靠。包括VCC供电过压保护,VCC供电欠
压保护,LED开路、短路保护,芯片过温保护等。
特点
 集成三段式开关调光功能
 100%,50%,10%调光亮度
 原边反馈恒流控制,无需次级反馈电路
 准谐振开关模式,开关损耗小
 ±3%的 LED 输出电流精度
 优异的线电压调整率和负载调整率
 超低启动电流
 LED 输出开路保护
 LED 输出短路保护
 VCC 供电过压、欠压保护
 自动重启动功能
 芯片过温保护
 采用 SOP8L 封装
应用
 LED 球泡灯,LED 射灯
 LED 日光灯,LED 筒灯
 LED 吸顶灯,LED PAR 灯
 其它 LED 照明
典型应用电路


Similar Part No. - TP8230

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TP82 ETC2-TP82 Datasheet
245Kb / 2P
78 and 88V Automotive Meters
logo
Billiton Ltd.
TP82 ASIC-TP82 Datasheet
273Kb / 10P
LDO linear stabilizer
logo
FENGJUI TECHNOLOGY CO.,...
TP820 FENGJUI-TP820 Datasheet
257Kb / 5P
SMD POWER INDUCTOR-RoHS
logo
TECH PUBLIC Electronics...
TP8204HS6 TECHPUBLIC-TP8204HS6 Datasheet
957Kb / 5P
18V 2A 600KHz Syncharonous Step-Down Converter
logo
Shenzhen Tianyuan Semic...
TP8205 TPOWER-TP8205 Datasheet
584Kb / 6P
High precision double winding primary feedback LED constant current driver chip
More results

Similar Description - TP8230

ManufacturerPart #DatasheetDescription
logo
Shenzhen Tianyuan Semic...
TP8221D TPOWER-TP8221D Datasheet
588Kb / 6P
Primary side feedback of integrated power tube LED constant current driver chip
TP8217 TPOWER-TP8217 Datasheet
633Kb / 7P
Three-stage switch dimming double winding primary feedback LED driver chip
TP8220 TPOWER-TP8220 Datasheet
569Kb / 6P
High precision primary feedback LED constant current driver chip
TP8221 TPOWER-TP8221 Datasheet
601Kb / 6P
Primary side feedback of integrated power tube LED constant current driver chip
TP8301 TPOWER-TP8301 Datasheet
581Kb / 6P
High power factor primary side feedback LED constant current driver chip
TP8311 TPOWER-TP8311 Datasheet
629Kb / 7P
High-power factor primary-side feedback LED driver chip for PWM dimming
TP8321 TPOWER-TP8321 Datasheet
649Kb / 7P
Three-stage switch dimming high power factor primary side feedback LED driver chip
TP8553C TPOWER-TP8553C Datasheet
626Kb / 6P
Three-stage switch dimming non-isolated buck LED constant current driver chip
logo
SHENZHEN FUMAN ELECTRON...
TC3085CL FUMAN-TC3085CL Datasheet
738Kb / 8P
Switch dimming / color linear LED constant current driver chip
logo
List of Unclassifed Man...
QH7938 ETC-QH7938 Datasheet
448Kb / 9P
Dimmable primary-side feedback single-stage active PFC LED constant current control chip
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com