Electronic Components Datasheet Search
  English  ▼

X  

TP8311 Datasheet(PDF) 1 Page - Shenzhen Tianyuan Semiconductor Co., Ltd.

Part # TP8311
Description  High-power factor primary-side feedback LED driver chip for PWM dimming
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TPOWER [Shenzhen Tianyuan Semiconductor Co., Ltd.]
Direct Link  http://www.tpower-ic.com/
Logo TPOWER - Shenzhen Tianyuan Semiconductor Co., Ltd.

TP8311 Datasheet(HTML) 1 Page - Shenzhen Tianyuan Semiconductor Co., Ltd.

  TP8311 Datasheet HTML 1Page - Shenzhen Tianyuan Semiconductor Co., Ltd. TP8311 Datasheet HTML 2Page - Shenzhen Tianyuan Semiconductor Co., Ltd. TP8311 Datasheet HTML 3Page - Shenzhen Tianyuan Semiconductor Co., Ltd. TP8311 Datasheet HTML 4Page - Shenzhen Tianyuan Semiconductor Co., Ltd. TP8311 Datasheet HTML 5Page - Shenzhen Tianyuan Semiconductor Co., Ltd. TP8311 Datasheet HTML 6Page - Shenzhen Tianyuan Semiconductor Co., Ltd. TP8311 Datasheet HTML 7Page - Shenzhen Tianyuan Semiconductor Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
TP8311
PWM 调光的高功率因数原边反馈 LED 驱动芯片
V1.1
Shenzhen TPOWER Semiconductor
1
概述
TP8311是一款具有PWM调光功能的高功率因数原边反馈
LED恒流驱动芯片。芯片集成了单级有源功率因数校正电
路,特别适合于85VAC~265VAC全电压输入范围的高性能
隔离式LED照明系统调光应用。
TP8311集成了PWM调光功能。LED输出电流可以通过外部
的PWM信号来进行调节,从而实现PWM调光功能。TP8311
集成了单级有源功率因数校正电路,系统可以实现很高的
功率因数和很低的输入电流总谐波失真。TP8311工作在准
谐振开关模式,功率管处于零电流状态导通。这有效地减
小了功率管的开关损耗,改善了系统的EMI特性。
TP8311采用原边反馈的控制方式,通过原边反馈的信息即
可以实现高精度的LED恒流输出,并不需要光耦、次级反馈
等电路。这节约了系统的成本和体积,简化了LED照明系统
的设计。TP8311集成了线电压和负载补偿功能,系统具有
优异的线电压调整率和负载调整率。
TP8311工作电压范围宽,适用于85VAC~265VAC全电压
范围的交流输入。同时TP8311集成了多种保护功能以保证
系统的稳定和可靠。包括VCC供电过压保护,VCC供电欠
压保护,LED开路、短路保护,芯片过温保护和变压器初级
绕组逐周期限流等。
特点
 集成 PWM 调光功能
 内置单级有源 PFC 功能
 输入电流总谐波失真低
 原边反馈恒流控制,无需次级反馈电路
 准谐振开关模式,开关损耗小
 ±3%的 LED 输出电流精度
 优异的线电压调整率和负载调整率
 超低启动电流
 LED 输出开路保护
 LED 输出短路保护
 VCC 供电过压保护
 VCC 供电欠压保护
 CS 逐周期限流
 芯片过温保护
 自动重启动功能
 采用 SOP8L 封装
应用
 LED 球泡灯,LED 射灯
 LED 日光灯,LED 筒灯
 LED 吸顶灯,LED PAR 灯
 其它 LED 照明
典型应用电路


Similar Part No. - TP8311

ManufacturerPart #DatasheetDescription
logo
Billiton Ltd.
TP83 ASIC-TP83 Datasheet
173Kb / 10P
Booster series
logo
Shenzhenshi YONGFUKANG ...
TP83 YONGFUKANG-TP83 Datasheet
178Kb / 10P
Boost series
logo
Shenzhen Tianyuan Semic...
TP8301 TPOWER-TP8301 Datasheet
581Kb / 6P
High power factor primary side feedback LED constant current driver chip
TP8302 TPOWER-TP8302 Datasheet
604Kb / 6P
High power factor primary feedback LED driver chip with integrated power tube
TP8302D TPOWER-TP8302D Datasheet
592Kb / 6P
High power factor primary feedback LED driver chip with integrated power tube
More results

Similar Description - TP8311

ManufacturerPart #DatasheetDescription
logo
Leadtrend Technology
LD7833V LEADTREND-LD7833V Datasheet
327Kb / 17P
High Power Factor Primary Side Flyback LED Controller With TRIAC Dimming
logo
Shenzhen Tianyuan Semic...
TP8221D TPOWER-TP8221D Datasheet
588Kb / 6P
Primary side feedback of integrated power tube LED constant current driver chip
TP8302D TPOWER-TP8302D Datasheet
592Kb / 6P
High power factor primary feedback LED driver chip with integrated power tube
TP8217 TPOWER-TP8217 Datasheet
633Kb / 7P
Three-stage switch dimming double winding primary feedback LED driver chip
TP8221 TPOWER-TP8221 Datasheet
601Kb / 6P
Primary side feedback of integrated power tube LED constant current driver chip
TP8230 TPOWER-TP8230 Datasheet
642Kb / 6P
Three-stage switch dimming primary side feedback LED constant current driver chip
TP8301 TPOWER-TP8301 Datasheet
581Kb / 6P
High power factor primary side feedback LED constant current driver chip
TP8302 TPOWER-TP8302 Datasheet
604Kb / 6P
High power factor primary feedback LED driver chip with integrated power tube
TP8321 TPOWER-TP8321 Datasheet
649Kb / 7P
Three-stage switch dimming high power factor primary side feedback LED driver chip
TP8611 TPOWER-TP8611 Datasheet
625Kb / 7P
PWM dimming high power factor non-isolated buck LED driver chip
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com