Electronic Components Datasheet Search
  English  ▼

X  

TM035KBH02 Datasheet(PDF) 2 Page - GSR Technology Ltd

Part # TM035KBH02
Description  TFT Modules
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GSR [GSR Technology Ltd]
Direct Link  https://www.gsr-technology.co.uk/
Logo GSR - GSR Technology Ltd

TM035KBH02 Datasheet(HTML) 2 Page - GSR Technology Ltd

  TM035KBH02 Datasheet HTML 1Page - GSR Technology Ltd TM035KBH02 Datasheet HTML 2Page - GSR Technology Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
 
 
TFT Modules
 
Luminance in cd/sq.m
350
Contrast
500:1
Viewing angle in °
60,70,70,70
Response time (rise+fall) in msec.
25
Color gamut
50%
Portrait
Display type
TN
LED lifetime in Khours
20 Kh
Operating temperature in °C.
-20~60
Storage temperature in °C.
-30~70
Touch (PCAP)
Weight in g
40
Outline dimension (Width x Height x
Thickness) in mm
76.90 x 63.90 x 4.00
Active area
70.08 x 52.56
View direction
12
 
© GSR Technology 2016
​
www.gsr-technology.co.uk
​
Page 2



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com