Electronic Components Datasheet Search
  English  ▼

X  

LP2706A Datasheet(PDF) 1 Page - Shenzhen Xinmao Microelectronics Co., Ltd.

Part # LP2706A
Description  Non-IsolatIon Control Drive
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LANDP [Shenzhen Xinmao Microelectronics Co., Ltd.]
Direct Link  https://www.chip-hope.com/
Logo LANDP - Shenzhen Xinmao Microelectronics Co., Ltd.

LP2706A Datasheet(HTML) 1 Page - Shenzhen Xinmao Microelectronics Co., Ltd.

  LP2706A Datasheet HTML 1Page - Shenzhen Xinmao Microelectronics Co., Ltd. LP2706A Datasheet HTML 2Page - Shenzhen Xinmao Microelectronics Co., Ltd. LP2706A Datasheet HTML 3Page - Shenzhen Xinmao Microelectronics Co., Ltd. LP2706A Datasheet HTML 4Page - Shenzhen Xinmao Microelectronics Co., Ltd. LP2706A Datasheet HTML 5Page - Shenzhen Xinmao Microelectronics Co., Ltd. LP2706A Datasheet HTML 6Page - Shenzhen Xinmao Microelectronics Co., Ltd. LP2706A Datasheet HTML 7Page - Shenzhen Xinmao Microelectronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
LP2706A
非隔离降压开关电源恒压控制驱动
LP2706A_CN_DS_Rev.1.3
www.chip-hope.com
SHENZHEN Chip Hope Micro-electronics LTD Confidential– Customer Use Only
概述
LP2706A 是一款高效率高精度的非隔离降压开关
电源恒压控制驱动芯片。适用于 85VAC~265VAC
全范围输入电压的非隔离 Buck 拓扑结构,尤其适
用于小家电、白色家电等电源的驱动。
LP2706A 内部集成 500V 功率开关,采用特有的恒
压控制模式,系统可以工作在电感电流断续模式和
电感电流连续模式。方案设计灵活,外围应用简单,
可以用更低的系统成本做更大的输出功率。
LP2706A 具有多重保护功能,包括 VBP 钳位电路、
VBP 欠压保护,输出短路保护,过热保护等功能,
可靠性强。
LP2706A 采用 SOP8 封装。
特点
特有的恒压控制
可稳定工作于DCM及CCM
特有的数字控制,无需环路补偿
集成500V功率管
集成高压供电
宽输入电压
输出短路保护
过温保护
VBP钳位、欠压保护
SOP8封装
应用
小家电、白色家电等开放式电源
替换阻容供电电源
LED驱动照明
典型应用
FB
D
S
BP
V+
VIN
V-
GND
图 1 LP2706A 典型应用图
V
I
图 2 LP2706A 典型 V-I 曲线


Similar Part No. - LP2706A

ManufacturerPart #DatasheetDescription
logo
Shenzhen Xinmao Microel...
LP2701A LANDP-LP2701A Datasheet
729Kb / 7P
Non-IsolatIon Control Drive
LP2702A LANDP-LP2702A Datasheet
706Kb / 7P
Non-IsolatIon Control Drive
LP2707A LANDP-LP2707A Datasheet
554Kb / 7P
High efficiency AC / DC converter control chip
logo
Leshan Radio Company
LP2707DT2AG LRC-LP2707DT2AG Datasheet
739Kb / 5P
20V P-Channel Enhancement-Mode MOSFET
More results

Similar Description - LP2706A

ManufacturerPart #DatasheetDescription
logo
Linkage Goston Electron...
SM7302 LINKAGE-SM7302 Datasheet
2Mb / 7P
Non-IsolatIon Bucket Constant Flow Control Switch
SM7307 LINKAGE-SM7307 Datasheet
1Mb / 6P
Non-IsolatIon Bucket Constant Flow Control Switch
SM7316P LINKAGE-SM7316P Datasheet
1Mb / 8P
Non-IsolatIon Bucket Constant Flow Control Switch
SM73152P LINKAGE-SM73152P Datasheet
2Mb / 8P
Non-IsolatIon Bucket Constant Flow Control Switch
logo
Shenzhen Xinmao Microel...
LP2701A LANDP-LP2701A Datasheet
729Kb / 7P
Non-IsolatIon Control Drive
LP2702A LANDP-LP2702A Datasheet
706Kb / 7P
Non-IsolatIon Control Drive
LP2801CL LANDP-LP2801CL Datasheet
663Kb / 7P
Non-IsolatIon Control Drive
LP2821 LANDP-LP2821 Datasheet
809Kb / 8P
Non-IsolatIon Control Drive
LP2866 LANDP-LP2866 Datasheet
626Kb / 7P
Non-IsolatIon Control Drive
LP2868 LANDP-LP2868 Datasheet
628Kb / 7P
Non-IsolatIon Control Drive
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com