Electronic Components Datasheet Search
  English  ▼

X  

DLP2000FQC Datasheet(PDF) 24 Page - Texas Instruments

Click here to check the latest version.
Part # DLP2000FQC
Description  DLP2000 (.2 nHD) DMD
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DLP2000FQC Datasheet(HTML) 24 Page - Texas Instruments

Back Button DLP2000FQC Datasheet HTML 20Page - Texas Instruments DLP2000FQC Datasheet HTML 21Page - Texas Instruments DLP2000FQC Datasheet HTML 22Page - Texas Instruments DLP2000FQC Datasheet HTML 23Page - Texas Instruments DLP2000FQC Datasheet HTML 24Page - Texas Instruments DLP2000FQC Datasheet HTML 25Page - Texas Instruments DLP2000FQC Datasheet HTML 26Page - Texas Instruments DLP2000FQC Datasheet HTML 27Page - Texas Instruments DLP2000FQC Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 40 page
background image
Current (mA)
0
100
200
300
400
500
600
700
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
D001
24
DLP2000
DLPS140 – APRIL 2019
www.ti.com
Product Folder Links: DLP2000
Submit Documentation Feedback
Copyright © 2019, Texas Instruments Incorporated
Typical Application (continued)
8.2.1 Design Requirements
A pico-projector is created by using a DLP chip set comprised of the DLP2000 DMD, a DLPC2607 controller, and
a DLPA1000 PMIC/LED driver. The DLPC2607 controller does the digital image processing, the DLPA1000
provides the needed analog functions for the projector, and the DLP2000 DMD is the display device producing
the projected image.
In addition to the three DLP chips in the chipset, other chips may be needed. This includes a Flash part needed
to store the software and firmware for controlling the DLPC2607 controller.
The illumination that is applied to the DMD is typically from red, green, and blue LEDs. These are often
contained in three separate packages, but sometimes more than one color of LED die may be in the same
package to reduce the overall size of the pico-projector.
When connecting the DLPC2607 controller to the multimedia front end to receive images, a parallel interface is
used. When using the parallel interface, the I2C should be connected to the multimedia front end to send
commands to the DLPC2607 controller and configure the DLPC2607 controller for different features.
8.2.2 Detailed Design Procedure
To connect the DLPC2607 controller, the DLPA1000, and the DLP2000 DMD, see the reference design
schematic. A small circuit board layout is possible when using this schematic. An example small board layout is
included in the reference design data base. Layout guidelines should be followed to achieve a reliable projector.
An optical OEM who specializes in designing optics for DLP projectors typically supplies the optical engine that
has the LED packages and the DMD mounted on it.
8.2.3 Application Curves
As the LED currents that are driven time-sequentially through the red, green, and blue LEDs are increased, the
brightness of the projector increases. This increase is somewhat non-linear, and the curve for typical white
screen lumens changes with LED currents is as shown in Figure 12. For the LED currents shown, it is assumed
that the same current amplitude is applied to the red, green, and blue LEDs.
Figure 12. Luminance vs Current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com