Electronic Components Datasheet Search
  English  ▼

X  

PI3C32384 Datasheet(PDF) 1 Page - Pericom Semiconductor Corporation

Part # PI3C32384
Description  2.5V/3.3V, High Bandwidth, Hot Insertion 10-Bit, 2-Port, Bus Switch
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI3C32384 Datasheet(HTML) 1 Page - Pericom Semiconductor Corporation

  PI3C32384 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI3C32384 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI3C32384 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI3C32384 Datasheet HTML 4Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
PS8161C
02/04/00
BEA
B0
A0
A1
B1
B2
A2
A3
B3
B4
A4
GND
VCC
B9
A9
A8
B8
B7
A7
A6
B6
B5
A5
BEB
1
2
3
4
5
6
7
8
9
10
11
12
24
23
22
21
20
19
18
17
16
15
14
13
Product Description
PericomSemiconductor’sPI3Cseriesoflogiccircuitsareproduced
using the Company’s advanced submicron CMOS technology,
achieving industry performance.
The PI3C3384, and PI3C32384 are 2.5V or 3.3Volt, high bandwidth
10-bit, 2-port bus switches designed with a low ON resistance
allowing inputs to be connected directly to outputs. The bus switch
creates no additional propagational delay or additional ground
bounce noise. The switches are turned ON by the Bus Enable (BE)
input signal. Two bus enable signals are provided, one for each of
the upper and lower five bits of the two 10-bit buses. The
PI3C32384 is designed with an internal 25Ω resistor reducing
noise reflection in high-speed applications.
Product Pin Configuration
Product Pin Description
Pin Name
Description
BEA, BEB
Bus Enable Inputs (Active LOW)
A0 - A9
Bus A
B0 - A9
Bus B
GND
Ground
VCC
Power
Product Features
• Near-zero propagation delay
• Low noise, 25Ω version (PI3C32384)
•5Ω switches connect inputs to outputs (PI3C3384)
• High Bandwidth (>400 MHz)
• Permits Hot Insertion.
• Rail-to-Rail, 3.3V or 2.5V Switching
• 5V I/O Tolerant
• 2.5V Supply Voltage Operation
• Packages available:
– 24-pin 150-mil wide plastic QSOP (Q)
– 24-pin 173-mil wide plastic TSSOP (L)
Applications
• High Bandwidth Data switching
• Hot Docking
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
Function
BEA BEB
B0-B4
B5-B9
Disconnect
H
H
Hi-Z
Hi-Z
Connect
L
H
A0-A4
Hi-Z
Connect
H
L
Hi-Z
A5-A9
Connect
L
L
A0-A4
A5-A9
Truth Table(1)
Logic Block Diagram
PI3C3384
PI3C32384 (25Ω
Ω
Ω
Ω
Ω)
2.5V/3.3V, High Bandwidth, Hot Insertion
10-Bit, 2-Port, Bus Switch
Note:
1. H = High Voltage Level, X = Don’t Care,
L = Low Voltage Level, Hi-Z = High Impedance
24-Pin
L,Q
*-)
)"
)
*"
*
)'
)#
*'
*#
*-*


Similar Part No. - PI3C32384

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI3C32160 PERICOM-PI3C32160 Datasheet
284Kb / 4P
3.3V, High Bandwidth,16:32-Bit, PCI Hot-Plug Mux/Demux Bus Switch
PI3C32160A PERICOM-PI3C32160A Datasheet
284Kb / 4P
3.3V, High Bandwidth,16:32-Bit, PCI Hot-Plug Mux/Demux Bus Switch
PI3C3244 PERICOM-PI3C3244 Datasheet
203Kb / 4P
2.5V/3.3V, High Bandwidth, Hot Insertion, 8-Bit, 2-Port Bus Switch
PI3C3245 PERICOM-PI3C3245 Datasheet
190Kb / 4P
2.5V/3.3V, High Bandwidth, Hot Insertion 8-Bit, 2-Port, Bus Switch
PI3C3245L PERICOM-PI3C3245L Datasheet
190Kb / 4P
2.5V/3.3V, High Bandwidth, Hot Insertion 8-Bit, 2-Port, Bus Switch
More results

Similar Description - PI3C32384

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI3C3244 PERICOM-PI3C3244 Datasheet
203Kb / 4P
2.5V/3.3V, High Bandwidth, Hot Insertion, 8-Bit, 2-Port Bus Switch
PI3C3245 PERICOM-PI3C3245 Datasheet
190Kb / 4P
2.5V/3.3V, High Bandwidth, Hot Insertion 8-Bit, 2-Port, Bus Switch
PI3C34X245 PERICOM-PI3C34X245 Datasheet
218Kb / 4P
2.5V/3.3V, High Bandwidth, Hot Insertion 32-Bit, 2-Port, Bus Switch
PI3C3245QE PERICOM-PI3C3245QE Datasheet
344Kb / 5P
2.5V/3.3V, High Bandwidth, Hot Insertion 8-Bit, 2-Port, Bus Switch
PI3C3861-AQE PERICOM-PI3C3861-AQE Datasheet
364Kb / 5P
2.5V/3.3V, High Bandwidth, Hot-Insertion, 10-Bit, 2-Port, Bus Switch
PI3C32X245 PERICOM-PI3C32X245_11 Datasheet
645Kb / 5P
2.5V/3.3V, High Bandwidth, Hot Insertion 16-Bit, 2-Port, Bus Switch
PI3C32X384 PERICOM-PI3C32X384 Datasheet
645Kb / 5P
2.5V/3.3V, High Bandwidth, Hot Insertion 20-Bit, 2-Port, Bus Switch
PI3C34X245 PERICOM-PI3C34X245_13 Datasheet
669Kb / 5P
2.5V/3.3V, High Bandwidth, Hot Insertion 32-Bit, 2-Port, Bus Switch
PI3C3384 PERICOM-PI3C3384_11 Datasheet
683Kb / 5P
2.5V/3.3V, High Bandwidth, Hot Insertion 10-Bit, 2-Port, Bus Switch
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com