Electronic Components Datasheet Search
  English  ▼

X  

TP2402 Datasheet(PDF) 14 Page - 3PEAK INC.

Part # TP2402
Description  20MHz Bandwidth, Low Noise CMOS Op?륾mps
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3PEAK [3PEAK INC.]
Direct Link  http://www.3peakic.com/
Logo 3PEAK - 3PEAK INC.

TP2402 Datasheet(HTML) 14 Page - 3PEAK INC.

Back Button TP2402 Datasheet HTML 9Page - 3PEAK INC. TP2402 Datasheet HTML 10Page - 3PEAK INC. TP2402 Datasheet HTML 11Page - 3PEAK INC. TP2402 Datasheet HTML 12Page - 3PEAK INC. TP2402 Datasheet HTML 13Page - 3PEAK INC. TP2402 Datasheet HTML 14Page - 3PEAK INC. TP2402 Datasheet HTML 15Page - 3PEAK INC. TP2402 Datasheet HTML 16Page - 3PEAK INC. TP2402 Datasheet HTML 17Page - 3PEAK INC.  
Zoom Inzoom in Zoom Outzoom out
 14 / 17 page
background image
 
14 
Rev. A
www.3peakic.com
TP2401 / TP2402 / TP2404 
20MHz Bandwidth, Low Noise CMOS Op‐amps 
D
E1
b
E
A1
A2
e
θ
L1
C
Package Outline Dimensions
SO-8 (SOIC-8)
 
Symbol
Dimensions
In Millimeters
Dimensions In
Inches
Min
Max
Min
Max
A1
0.100
0.250
0.004
0.010
A2
1.350
1.550
0.053
0.061
b
0.330
0.510
0.013
0.020
C
0.190
0.250
0.007
0.010
D
4.780
5.000
0.188
0.197
E
3.800
4.000
0.150
0.157
E1
5.800
6.300
0.228
0.248
e
1.270 TYP
0.050 TYP
L1
0.400
1.270
0.016
0.050
θ
0°
8°
0°
8°



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com