Electronic Components Datasheet Search
  English  ▼

X  

TPF110 Datasheet(PDF) 3 Page - 3PEAK INC.

Part # TPF110
Description  Ultra-low Power Video Filter with Shut-down & SAG Correction
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3PEAK [3PEAK INC.]
Direct Link  http://www.3peakic.com/
Logo 3PEAK - 3PEAK INC.

TPF110 Datasheet(HTML) 3 Page - 3PEAK INC.

  TPF110 Datasheet HTML 1Page - 3PEAK INC. TPF110 Datasheet HTML 2Page - 3PEAK INC. TPF110 Datasheet HTML 3Page - 3PEAK INC. TPF110 Datasheet HTML 4Page - 3PEAK INC. TPF110 Datasheet HTML 5Page - 3PEAK INC. TPF110 Datasheet HTML 6Page - 3PEAK INC. TPF110 Datasheet HTML 7Page - 3PEAK INC. TPF110 Datasheet HTML 8Page - 3PEAK INC. TPF110 Datasheet HTML 9Page - 3PEAK INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
TPF110/TPF110U/TPF110L
Ultra-low Power Video Filter with Shut-down & SAG Correction
REV1.5
www.3peakic.com
~ 3 ~
©2011 3PEAK INCORPORATED
电气特性 除非另有说明,否则 VDD = 3.3V,TA = +25° C,RL = 150Ω 至 GND。
符号
参数说明
测试条件
最小值
典型值
最大值
单位
输入电气特性
VDD
电源电压范围
2.85
5.5
V
IDD(ON)
静态供电电流
(IQ) (1)
TPF110: VDD=3.3V, VIN=500mV, EN=VDD,
no load
3.9
4.9
mA
TPF110: VDD=5.0V, VIN=500mV, EN=VDD,
no load
5.1
6.3
mA
TPF110L: VDD=3.3V, VIN=500mV, EN=VDD,
no load
1.9
2.8
mA
TPF110L: VDD=5.0V, VIN=500mV, EN=VDD,
no load
2.9
3.9
mA
IDD(OFF)
关断供电电流
VDD=3.3V, EN=0
0.5
1.5
μA
VDD=5.0V, EN=0
1.5
3
μA
VOLS
Output Level Shift Voltage
VIN = 0V, no load, input referred
53
80
124
mV
VCLAMP
Input Voltage Clamp
IIN = -100A
-40
0
+40
mV
ICLAMP-CHG
Clamp Charge Current
VIN = VCLAMP - 200mV
-1.5
-1.7
mA
ICLAMP-DCHG
Clamp Discharge Current
VIN = 500mV
1.5
2.0
5.1
μA
RIN
输入阻抗
0.5V < VIN < 1.0V
0.5
3
MΩ
AV
电压增益
VIN=0.5V, 1V and 2V
RL = 150Ω to GND
5.9
6.01
6.025
dB
ASAG
SAG 校正 DC Gain to VOUT
SAG open
2.25
V/V
PSRR
直流电源电压抑制比
ΔVDD = 3.3V to 3.6V
61
dB
ΔVDD = 5.0V to 5.5V, 50Hz, VIN=0.7V
67
dB
VOH
Output Voltage High Swing
VIN = 3V, RL = 150Ω to GND
3.18
V
VOL
Output Voltage Low Swing
VIN = -0.3V, RL =75Ω
0.05
V
ISC
输出短路电流
VIN =2V, output to GND through 10Ω
65
mA
VIN=100mV, output short to VDD
65
mA
VIL
禁用阈值
VDD = 3.0V to 5.5V
0.8
V
VIH
使能阈值
VDD = 3.0V to 5.5V
1.6
V
ROUT
关断输出阻抗
EN = 0V DC
12
kΩ
EN = 0V, f = 4.5MHz
5.8
kΩ
Note: (1). 100% tested at TA=25°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com