Electronic Components Datasheet Search
  English  ▼

X  

TPF111 Datasheet(PDF) 3 Page - 3PEAK INC.

Part # TPF111
Description  Ultra-low Power, 1-Channel 6th-Order SD Video Filter Driver
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3PEAK [3PEAK INC.]
Direct Link  http://www.3peakic.com/
Logo 3PEAK - 3PEAK INC.

TPF111 Datasheet(HTML) 3 Page - 3PEAK INC.

  TPF111 Datasheet HTML 1Page - 3PEAK INC. TPF111 Datasheet HTML 2Page - 3PEAK INC. TPF111 Datasheet HTML 3Page - 3PEAK INC. TPF111 Datasheet HTML 4Page - 3PEAK INC. TPF111 Datasheet HTML 5Page - 3PEAK INC. TPF111 Datasheet HTML 6Page - 3PEAK INC. TPF111 Datasheet HTML 7Page - 3PEAK INC. TPF111 Datasheet HTML 8Page - 3PEAK INC. TPF111 Datasheet HTML 9Page - 3PEAK INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
TPF111/TPF111U
Ultra-low Power, 1-Channel 6th-Order SD Video Filter Driver
REV2.2
www.3peakic.com
~ 3 ~
©2011 3PEAK INCORPORATED
静电放电保护 (ESD, Electrostatic Discharge Protection)
Symbol
Parameter
Condition
Minimum
Level
Unit
HBM
Human Body Model ESD
MIL-STD-883H Method 3015.8
8
kV
CDM
Charged Device Model ESD
JEDEC-EIA/JESD22-C101E
2
kV
电气特性 除非另有说明,否则 VDD = 3.3V,TA = +25° C,RL = 150Ω 至 GND。
符号
参数说明
测试条件
最小值
典型值
最大值
单位
输入电气特性
VDD
电源电压范围
2.85
5.5
V
IDD
静态电流
(IQ) (1)
VDD = 3.3V, VIN = 500mV, no load
3.85
4.85
mA
VDD = 5.0V, VIN = 500mV, no load
5.00
6.25
mA
VCLAMP
Input Voltage Clamp
IIN = -100A
-40
0
+40
mV
ICLAMP-CHG
Clamp Charge Current
VIN = VCLAMP - 200mV
-1.5
-1.7
mA
ICLAMP-DCHG
Clamp Discharge Current
VIN = 500mV
1.5
2.0
5.1
μA
RIN
输入阻抗
0.5V < VIN < 1.0V
0.5
3
MΩ
AV
电压增益 (1)
VIN=0.5V, 1V and 2V
RL = 150Ω to GND
5.9
6.01
6.025
dB
VOLS
Output Level Shift Voltage
VIN = 0V, no load, input referred
53
80
124
mV
VOH
Output Voltage High Swing
VIN = 3V, RL = 150Ω to GND
3.18
V
VOL
Output Voltage Low Swing
VIN = -0.3V, RL =75Ω
0.05
V
PSRR
直流电源电压抑制比
ΔVDD = 3.3V to 3.6V
61
dB
ΔVDD = 5.0V to 5.5V, 50Hz, VIN=0.7V
67
dB
ISC
输出短路电流
VIN =2V, output to GND through 10Ω
65
mA
VIN=100mV, output short to VDD
65
mA
交流电气特性
f-1dB
-1dB 带宽
RL=150Ω
7.6
8.2
9.1
MHz
f-3dB
-3dB 带宽
RL=150Ω
7.8
9
10.5
MHz
Att27MHz
Stop Band Attenuation
f = 27MHz
38.2
57.2
73.6
dB
dG
微分增益
Video input range 1V
-0.1
0.4
0.8
%
dP
微分相位
Video input range 1V
-1.1
0.7
1.1
°
THD
总谐波失真
f=1MHz, VOUT=1.4VPP
0.03
0.1
0.2
%
D/DT
Group Delay Variation
f = 100kHz, 5MHz
5.4
Ns
tPD
Propagation Delay
Maximum delay from input to output:
100kHz to 4.43MHz
54
80
127
Ns
SNR
信噪比
f= 100kHz to 4.43MHz
65
69
dB
ROUT_AC
输出阻抗
f = 4.2MHz
1.5
Ω
CLG
Chroma-Luma-Gain
400kHz to 3.58MHz and 4.43MHz
0.18
0.4
dB
CLD
Chroma-Luma-Delay
400kHz to 3.58MHz and 4.43MHz
5
ns
Note: (1). 100% tested at TA=25°C.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com