Electronic Components Datasheet Search
  English  ▼

X  

TPF110L Datasheet(PDF) 2 Page - 3PEAK INC.

Part # TPF110L
Description  Ultra-low Power Video Filter with Shut-down & SAG Correction
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3PEAK [3PEAK INC.]
Direct Link  http://www.3peakic.com/
Logo 3PEAK - 3PEAK INC.

TPF110L Datasheet(HTML) 2 Page - 3PEAK INC.

  TPF110L Datasheet HTML 1Page - 3PEAK INC. TPF110L Datasheet HTML 2Page - 3PEAK INC. TPF110L Datasheet HTML 3Page - 3PEAK INC. TPF110L Datasheet HTML 4Page - 3PEAK INC. TPF110L Datasheet HTML 5Page - 3PEAK INC. TPF110L Datasheet HTML 6Page - 3PEAK INC. TPF110L Datasheet HTML 7Page - 3PEAK INC. TPF110L Datasheet HTML 8Page - 3PEAK INC. TPF110L Datasheet HTML 9Page - 3PEAK INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
TPF110/TPF110U/TPF110L
Ultra-low Power Video Filter with Shut-down & SAG Correction
REV 1.5
©2011 3PEAK INCORPORATED
~ 2 ~
www.3peakic.com
样片或购买信息
型号
产品标示
工作温度范围
封装形式
包装、数量
TPF110-CR
F0YW (1)
-40 to 85°C
6 Lead SC70
7” Tape and Reel, 3,000pcs
TPF110U-TR
F0UYW (1)
-40 to 85°C
6 Lead SOT23
7” Tape and Reel, 3,000pcs
TPF110L-CR
F0LYW (1)
-40 to 85°C
6 Lead SC70
7” Tape and Reel, 3,000pcs
Note: (1). ‘YW’ is date coding scheme. 'Y' stands for calendar year, and 'W' stands for single workweek coding scheme.
引脚排列和引脚功能表
引脚序号
引脚名称
功能
1
VIN
Input Voltage.
2
GND
Ground.
3
SAG
Feedback Connection.
4
VOUT
Output Voltage.
5
SHDN
Shut-down.
6
+VS
Positive Power Supply.
绝对最大额定参数*
参数
值
单位
供电电压,
VDD 至 GND
6.0
V
PD
功率损耗,
TA = 25°C,6-Lead SC70
300
mW
VIN
输入电压
VDD + 0.3V to GND - 0.3V
IOUT
连续输出电流
65
mA
TJ
最大结点温度,任何环境
150
°C
TA
供电时的环境温度范围
–45 to 85
°C
TSTG
存储温度范围
–65 to 150
°C
TL
引线温度范围
(Soldering 10 sec)
300
°C
θJA
6-Lead SC70 耐热性
430
°C/W
(1) This data was taken with the JEDEC low effective thermal conductivity test board.
(2) This data was taken with the JEDEC standard multilayer test boards.
* 注意: 如果器件运行条件超过上述各项绝对最大额定值,可能对器件造成永久性损坏。上述参数仅是允许条件的极大值,我们
不建议使器件运行在该条件下或在技术规范以外的条件下运行。这只是强调的额定值,不涉及器件在这些或任何其他条件下超出本
技术规格指标的功能性操作。长期在绝对最大额定值条件下工作会影响器件的可靠性。
静电放电保护 (ESD, Electrostatic Discharge Protection)
Symbol
Parameter
Condition
Minimum
Level
Unit
HBM
Human Body Model ESD
MIL-STD-883H Method 3015.8
8
kV
CDM
Charged Device Model ESD JEDEC-EIA/JESD22-C101E
2
kV
4
6
3
2
1
SHDN
TPF110U
6-Pin SOT23
(-T Suffix)
VOUT
SAG
VIN
+Vs
5
GND
4
6
3
2
1
VIN
TPF110(L)
6-Pin SC70
(-C Suffix)
GND
SAG
VOUT
+Vs
5
SHDN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com