Electronic Components Datasheet Search
  English  ▼

X  

TPF141 Datasheet(PDF) 2 Page - 3PEAK INC.

Part # TPF141
Description  Full-HD Composite Video Filter Driver
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3PEAK [3PEAK INC.]
Direct Link  http://www.3peakic.com/
Logo 3PEAK - 3PEAK INC.

TPF141 Datasheet(HTML) 2 Page - 3PEAK INC.

  TPF141 Datasheet HTML 1Page - 3PEAK INC. TPF141 Datasheet HTML 2Page - 3PEAK INC. TPF141 Datasheet HTML 3Page - 3PEAK INC. TPF141 Datasheet HTML 4Page - 3PEAK INC. TPF141 Datasheet HTML 5Page - 3PEAK INC. TPF141 Datasheet HTML 6Page - 3PEAK INC. TPF141 Datasheet HTML 7Page - 3PEAK INC. TPF141 Datasheet HTML 8Page - 3PEAK INC. TPF141 Datasheet HTML 9Page - 3PEAK INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
TPF141
Full-HD Composite Video Filter Driver
Rev. A
©2014 3PEAK INCORPORATED
~ 2 ~
www.3peakic.com
Order Information
Order Number
Operating
Temperature
Range
Package
Marking
Information
Transport Media,
Quantity
TPF141-TR
-40 to 85°C
SOT23-6
F41
Tape and Reel, 3000
Pin configuration (Top View)
Figure 2.
Absolute Maximum Ratings*
Parameters
Value
Units
Power Supply, VDD to GND
6.0
V
VIN
Input Voltage
VDD + 0.3V to GND - 0.3V
IO
Output Current
65
IO
TJ
Maximum Junction Temperature
150
TJ
TA
Operating Temperature Range
–45 to 85
TA
TSTG
Storage Temperature Range
–65 to 150
TSTG
TL
Lead Temperature (Soldering 10 sec)
300
TL
* Note: Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. Exposure
to any Absolute Maximum Rating condition for extended periods may affect device reliability and lifetime.
(1) This data was taken with the JEDEC low effective thermal conductivity test board.
(2) This data was taken with the JEDEC standard multilayer test boards.
ESD, Electrostatic Discharge Protection
Symbol
Parameter
Condition
Minimum
Level
Unit
HBM
Human Body Model ESD
MIL-STD-883H Method 3015.8
8
kV
CDM
Charged Device Model ESD JEDEC-EIA/JESD22-C101E
2
kV
Pin Name
Pin Function
FHD IN
Full-HD video input, LPF = 72 MHz
+VS
Positive Power Supply
GND
Ground
FHD OUT
Full-HD video output, LPF = 72 MHz
NC
No Connection



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com