Electronic Components Datasheet Search
  English  ▼

X  

TPF142 Datasheet(PDF) 9 Page - 3PEAK INC.

Part # TPF142
Description  One CVBS and One Full-HD Composite Video Filter Driver
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3PEAK [3PEAK INC.]
Direct Link  http://www.3peakic.com/
Logo 3PEAK - 3PEAK INC.

TPF142 Datasheet(HTML) 9 Page - 3PEAK INC.

Back Button TPF142 Datasheet HTML 5Page - 3PEAK INC. TPF142 Datasheet HTML 6Page - 3PEAK INC. TPF142 Datasheet HTML 7Page - 3PEAK INC. TPF142 Datasheet HTML 8Page - 3PEAK INC. TPF142 Datasheet HTML 9Page - 3PEAK INC. TPF142 Datasheet HTML 10Page - 3PEAK INC. TPF142 Datasheet HTML 11Page - 3PEAK INC. TPF142 Datasheet HTML 12Page - 3PEAK INC. TPF142 Datasheet HTML 13Page - 3PEAK INC.  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
TPF142
One CVBS and One Full-HD Composite Video Filter Driver
REV1.1
www.3peakic.com
~ 9 ~
©2014 3PEAK INCORPORATED
36MHz HD video filter and 1 channel
SD video filter
3-SD
36MHz
TSSOP-14
TPF136
Low power 3 channel, 6th-order
36MHz HD video filter and 3 channel
SD video filter
3-SD&
3-HD
9MHz
36MHz
TSSOP-20
TPF143
Low power 3 channel, 6th-order
72MHz Full HD video filter
3-FHD
72MHz
SO-8
TPF144
Low power 3 channel, 6th-order
72MHz Full HD video filter and 1
channel SD video filter
1-SD&
3-FHD
9MHz
72MHz
MSOP-10
TSSOP-14
TPF146
Low power 3 channel, 6th-order
72MHz Full HD video filter and3
channel SD video filter
3-SD&
3-FHD
9MHz
72MHz
TSSOP-20
TPF153
Low power 3 channel, 6th-order
220MHz Full HD video filter
3-CH
220MHz
SO-8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com