Electronic Components Datasheet Search
  English  ▼

X  

TPF142-VR Datasheet(PDF) 2 Page - 3PEAK INC.

Part # TPF142-VR
Description  One CVBS and One Full-HD Composite Video Filter Driver
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3PEAK [3PEAK INC.]
Direct Link  http://www.3peakic.com/
Logo 3PEAK - 3PEAK INC.

TPF142-VR Datasheet(HTML) 2 Page - 3PEAK INC.

  TPF142-VR Datasheet HTML 1Page - 3PEAK INC. TPF142-VR Datasheet HTML 2Page - 3PEAK INC. TPF142-VR Datasheet HTML 3Page - 3PEAK INC. TPF142-VR Datasheet HTML 4Page - 3PEAK INC. TPF142-VR Datasheet HTML 5Page - 3PEAK INC. TPF142-VR Datasheet HTML 6Page - 3PEAK INC. TPF142-VR Datasheet HTML 7Page - 3PEAK INC. TPF142-VR Datasheet HTML 8Page - 3PEAK INC. TPF142-VR Datasheet HTML 9Page - 3PEAK INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
TPF142
One CVBS and One Full-HD Composite Video Filter Driver
REV 1.1
©2014 3PEAK INCORPORATED
~ 2 ~
www.3peakic.com
Order Information
Order
Number
Operating
Temperature
Range
Package
Marking
Information
Transport Media,
Quantity
TPF142-VR
-40 to 85°C
8-Pin MSOP
TPF142
Tape and Reel, 3,000
TPF142-TR
-40 to 85°C
14-Pin TSSOP
TPF142
Tape and Reel, 3,000
Pin configuration (Top View)
Absolute Maximum Ratings*
Parameters
Value
Units
Power Supply, VDD to GND
6.0
V
VIN
Input Voltage
VDD + 0.3V to GND - 0.3V
IO
Output Current
65
IO
TJ
Maximum Junction Temperature
150
TJ
TA
Operating Temperature Range
–45 to 85
TA
TSTG
Storage Temperature Range
–65 to 150
TSTG
TL
Lead Temperature (Soldering 10 sec)
300
TL
* Note: Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. Exposure
to any Absolute Maximum Rating condition for extended periods may affect device reliability and lifetime.
ESD, Electrostatic Discharge Protection
Symbol
Parameter
Condition
Minimum
Level
Unit
HBM
Human Body Model ESD
MIL-STD-883H Method 3015.8
8
kV
CDM
Charged Device Model ESD JEDEC-EIA/JESD22-C101E
2
kV
Pin Name
Function
CVBS IN
SD video input for CVBS signal, LPF = 9 MHz
DIS FHD
Disable Full-HD channel. Logic high disables the
FHD channel and logic low enables the FHD
channel. This pin defaults to logic high if left
open.
FHD IN
Full-HD video input, LPF = 72 MHz
+VS
Positive Power Supply
GND
Ground
FHD OUT
Full-HD video output, LPF = 72 MHz
DIS CVBS
Disable SD channel. Logic high disables the SD
channel and logic low enables the SD channel.
This pin defaults to logic high if left open.
CVBS OUT
SD video output for CVBS signal, LPF = 9 MHz
NC
No Connection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com