Electronic Components Datasheet Search
  English  ▼

X  

TPF144 Datasheet(PDF) 9 Page - 3PEAK INC.

Part # TPF144
Description  4-channel Video Amplifier with 1-CVBS and 3-1080p Full-HD Filters
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3PEAK [3PEAK INC.]
Direct Link  http://www.3peakic.com/
Logo 3PEAK - 3PEAK INC.

TPF144 Datasheet(HTML) 9 Page - 3PEAK INC.

Back Button TPF144 Datasheet HTML 5Page - 3PEAK INC. TPF144 Datasheet HTML 6Page - 3PEAK INC. TPF144 Datasheet HTML 7Page - 3PEAK INC. TPF144 Datasheet HTML 8Page - 3PEAK INC. TPF144 Datasheet HTML 9Page - 3PEAK INC. TPF144 Datasheet HTML 10Page - 3PEAK INC. TPF144 Datasheet HTML 11Page - 3PEAK INC. TPF144 Datasheet HTML 12Page - 3PEAK INC. TPF144 Datasheet HTML 13Page - 3PEAK INC.  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
TPF144
4-channel Video Amplifier with 1-CVBS and 3-1080p Full-HD Filters
REV1.0
www.3peakic.com
~ 9 ~
©2011 3PEAK INCORPORATED
printed circuit board layout is necessary for optimum
performance. Lead lengths should be as short as
possible. The power supply pin must be well bypassed
to reduce the risk of oscillation. For normal single
supply operation, a single 4.7μF tantalum capacitor in
parallel with a 0.1μF ceramic capacitor from VS+ to
GND will suffice.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com