Electronic Components Datasheet Search
  English  ▼

X  

TPF1441C Datasheet(PDF) 1 Page - 3PEAK INC.

Part # TPF1441C
Description  72M HD Composite Video Filter Driver with Clamped input Comparator
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3PEAK [3PEAK INC.]
Direct Link  http://www.3peakic.com/
Logo 3PEAK - 3PEAK INC.

TPF1441C Datasheet(HTML) 1 Page - 3PEAK INC.

  TPF1441C Datasheet HTML 1Page - 3PEAK INC. TPF1441C Datasheet HTML 2Page - 3PEAK INC. TPF1441C Datasheet HTML 3Page - 3PEAK INC. TPF1441C Datasheet HTML 4Page - 3PEAK INC. TPF1441C Datasheet HTML 5Page - 3PEAK INC. TPF1441C Datasheet HTML 6Page - 3PEAK INC. TPF1441C Datasheet HTML 7Page - 3PEAK INC. TPF1441C Datasheet HTML 8Page - 3PEAK INC. TPF1441C Datasheet HTML 9Page - 3PEAK INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
www.3peakic.com.cn
Rev.0
1 / 13
TPF1441C
72M HD Composite Video Filter Driver with Clamped input Comparator
Feartures
Wide Power Supply: +3.0V to +5.5V Single Supply
Robust ESD Protection:
Robust 8kV – HBM and 2kV – CDM ESD Rating
Green Product, MSOP8/SOP8 Package
Video Filter:
HDTV Video Filter Support Composite 1080p/60
Optimized 6th-order Butterworth Video reconstruction filter:
HD Channel: -3dB BW 72MHz
Support Multiple Input Biasing:
Transparent Clamping for DC restoration
Provide 80-mV Level-Shift when DC-Coupled
Very Low Quiescent Current: 11.5 mA(at 3.3V, Typical)
6dB Gain(2V/V), Rail to Rail Output
AC- or DC-Coupled Output Driving Dual Video Loads (75Ω)
Comparator:
Fast Response Time: 68 ns Propagation Delay
Offset Voltage: ± 3.0 mV Maximum
Internal Hysteresis Ensures Clean Switching
Push-Pull, CMOS/TTL Compatible Output
Same DC clamping circuit as video input.
Applications
Video Signal Amplification
Set-Top Box Video Driver
PV、DVD Player Video Buffer
Video Buffer for Portable or USB-Powered Video Devices
HDTV
Description
The TPF1441C is a low power, 72M HD composite video
filter and comparator on a single chip. Drawing less than 11.5mA
supply current over the full operating temperature range,
TP1441C operates from a single 3.0V to 5.5V power supply.
TPF1441C integrates high-performance low-cost 72MHz
composite video reconstruction filter, however it has very low
power consumption. The filter is sixth-order Butterworth
characteristics that are useful as digital-to-analog converter
(DAC) reconstruction filters or as analog-to-digital converter
(ADC) anti-aliasing filters. The HD filters can actually support
720p/1080p CVI/TVI/AHD platform. Moreover the filter can be
bypassed to support wider bandwidth video application.
The TPF1441C’s on-board comparator incorporates
3PEAK’s proprietary and patented design techniques to achieve
the ultimate combination of high-speed (68ns propagation delay
under 3.0~5.5V wide supply range) and low power consumption ,
The internal input hysteresis eliminates output switching due to
internal input noise voltage, reducing current draw. The PUSH-
PULL output supports rail-to-rail output swing, and interfaces
with CMOS/TTL logic.
TPF1441C is available in SOP-8 package (TPF1441C-SR)
and
MSOP-8
package
(TP1441C-VR).
Its
operation
temperature range is from −40°C to +85°C.
Related Resources
AN-1201: Application notes of TPF1XX
Pin Configuration (Top View)
8
6
5
7
3
2
1
4
AIN
+Vs
HD OUT
VREF
HD IN
GND
DOUT
TPF1441C
MSOP 8
NC
Pin Name
Pin Function
AIN
Non-Inverting Input of the Comparator
DOUT
Comparator Output
VREF
Inverting Input of Comparator
HD IN
HD video input, LPF = 72 MHz
+VS
Positive Power Supply
GND
Ground
HD OUT
HD video output, LPF = 72 MHz
NC
Not connect


Similar Part No. - TPF1441C

ManufacturerPart #DatasheetDescription
logo
3PEAK INC.
TPF1441 3PEAK-TPF1441 Datasheet
857Kb / 12P
72M HD Composite Video Filter Driver with Comparator
TPF1441-SR 3PEAK-TPF1441-SR Datasheet
857Kb / 12P
72M HD Composite Video Filter Driver with Comparator
TPF1441-VR 3PEAK-TPF1441-VR Datasheet
857Kb / 12P
72M HD Composite Video Filter Driver with Comparator
TPF1441NC 3PEAK-TPF1441NC Datasheet
988Kb / 10P
52M HD Composite Video Filter Driver with Clamped input Comparator
TPF1441NC-VR 3PEAK-TPF1441NC-VR Datasheet
988Kb / 10P
52M HD Composite Video Filter Driver with Clamped input Comparator
More results

Similar Description - TPF1441C

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FMS6419 FAIRCHILD-FMS6419 Datasheet
160Kb / 10P
Selectable RGB (YUV) HD/SD Video Filter Driver with Y, C, Composite Outputs
FMS6419 FAIRCHILD-FMS6419_05 Datasheet
125Kb / 10P
Selectable RGB (YUV) HD/SD Video Filter Driver with Y, C, Composite Outputs
logo
3PEAK INC.
TPF130 3PEAK-TPF130 Datasheet
517Kb / 9P
36M HD Composite Video Filter Driver With Shutdown Function
TPF131 3PEAK-TPF131 Datasheet
331Kb / 8P
36M HD Composite Video Filter Driver
TPF140 3PEAK-TPF140 Datasheet
357Kb / 10P
Full-HD Composite Video Filter Driver With Disable Function
TPF140R 3PEAK-TPF140R Datasheet
350Kb / 10P
Full-HD Composite Video Filter Driver With Shutdown Function
TPF141 3PEAK-TPF141 Datasheet
352Kb / 10P
Full-HD Composite Video Filter Driver
TPF142 3PEAK-TPF142 Datasheet
382Kb / 13P
One CVBS and One Full-HD Composite Video Filter Driver
TPF1441 3PEAK-TPF1441 Datasheet
857Kb / 12P
72M HD Composite Video Filter Driver with Comparator
TPF1441NC 3PEAK-TPF1441NC Datasheet
988Kb / 10P
52M HD Composite Video Filter Driver with Clamped input Comparator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com