Electronic Components Datasheet Search
  English  ▼

X  

ABF201 Datasheet(PDF) 2 Page - Guangdong Kexin Industrial Co.,Ltd

Part # ABF201
Description  Bridge Rectifier
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

ABF201 Datasheet(HTML) 2 Page - Guangdong Kexin Industrial Co.,Ltd

  ABF201 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd ABF201 Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd ABF201 Datasheet HTML 3Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Transistors
www.kexin.com.cn
2
Diodes
SMD Type
Bridge Rectifier
ABF201 ~ ABF210
Typical Characterisitics
0.5
1.0
1.5
2.0
0.0
25
50
75
100
125
150
175
Fig.1
Derating Curve
Average Rectified Output Current
Fig.4 Typical Junction Capacitance
1.0
10
100
0.1
1
10
100
Reverse Voltage (V)
T=25
J
°C
0.5
1.0
1.5
2.0
0.0
Fig.3 Typical Instaneous Forward
Characteristics
0.0
0.01
0.1
1.0
10
Instaneous Forward Voltage (V)
T=25
J
°C
pulse with 300 s
1% duty cycle
Case Temperature (
°C)
2.5
Fig.2 Typical Reverse Characteristics
0.1
1.0
10
100
20
40
60
80
100
120
00
140
percent of Rated Peak
Voltage (%)
Reverse
T=125
J
°C
T=25
J
°C
10
20
30
00
10
100
1
40
Number of Cycles
50
60
Fig.5 Maximum Non-Repetitive Peak
Forward Surage Current
8.3 ms Single Half Sine Wave
(JEDEC Method)
Single phase half-wave 60 Hz
resistive or inductive load



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com