Electronic Components Datasheet Search
  English  ▼

X  

ABF210 Datasheet(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

Part # ABF210
Description  Bridge Rectifier
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

ABF210 Datasheet(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  ABF210 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd ABF210 Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd ABF210 Datasheet HTML 3Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Transistors
www.kexin.com.cn
1
Diodes
SMD Type
Bridge Rectifier
ABF201 ~ ABF210
Features
Glass passivated Chip Junction
Reverse Voltage - 100 to 1000V
Forward Current - 2.0A
High Surge Current Capability
Designed for Surface Mount Application
ABF Package
PIN DESCRIPTION
PIN
DESCRIPTION
1
Input Pin (~)
2
Input Pin (~)
3
Output Anode (+)
4
Output Cathode (-)
1
2
3
4
Ratings at 25
ambient temperature unless otherwise specified.
Single phase half-wave 60 Hz, resistive or inductive load, for capacitive load current derate by 20 %.
°C
Maximum Ratings and Electrical characteristics
Maximum DC Blocking Voltage
Peak Forward Surge Current 8.3 ms Single Half
Sine Wave Superimposed on Rated Load
(JEDEC Method)
Maximum Forward Voltage at 2.0 A
Parameter
Maximum Repetitive Peak Reverse Voltage
Maximum RMS voltage
Operating and Storage Temperature Range
Typical Junction Capacitance
Note1
VRRM
VRMS
VDC
IO
IFSM
VF
V
V
V
2.0
50
1.1
30
-55 ~ +150
A
A
V
A
pF
°C
Units
Cj
T, T
j
stg
Symbols
55
16
Typical Thermal Resistance
Note2
°C/W
R JA
R
JC
Average Rectified Output Current
at T = 125
°C
c
100
200
400
600
800
1000
100
200
400
600
800
1000
70
140
280
420
560
700
Maximum DC Reverse Current
at Rated DC Blocking Voltage
IR
5
100
@
T =25
°C
A
@
T =125
°C
A
ABF201
ABF202
ABF204
ABF206
ABF208
ABF210
Note: 1. Measured at 1MHz and applied reverse voltage of 4 V D.C.
2. Mounted on glass epoxy PC board with 4
××
×
copper pad.
1.5" 1.5"
3.81 3.81 cm
Marking
NO.
ABF201
ABF202
ABF204
ABF206
ABF208
ABF210
Marking
ABF201
ABF202
ABF204
ABF206
ABF208
ABF210


Similar Part No. - ABF210

ManufacturerPart #DatasheetDescription
logo
DIYI Electronic Technol...
ABF210 DYELEC-ABF210 Datasheet
1Mb / 2P
SINGLE PHASE 2.0A MP SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
logo
DONGGUAN YOU FENG WEI E...
ABF210 YFWDIODE-ABF210 Datasheet
425Kb / 3P
2.0A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER Reverse Voltage
logo
Shanghai Shunye Electro...
ABF210 SHUNYE-ABF210 Datasheet
641Kb / 2P
Surface Mount Fast Recovery Bridge Rectifiers
logo
Guangdong Kexin Industr...
ABF210-HF KEXIN-ABF210-HF Datasheet
256Kb / 3P
Bridge Rectifier
More results

Similar Description - ABF210

ManufacturerPart #DatasheetDescription
logo
Semikron International
SKDT115 SEMIKRON-SKDT115 Datasheet
525Kb / 3P
Bridge Rectifier
SK80D12F SEMIKRON-SK80D12F_08 Datasheet
435Kb / 3P
Bridge Rectifier
logo
Sensitron
SCP-1839 SENSITRON-SCP-1839 Datasheet
80Kb / 2P
RECTIFIER BRIDGE
logo
Zowie Technology Corpor...
Z4GP20JLH ZOWIE-Z4GP20JLH Datasheet
327Kb / 2P
Bridge Rectifier
logo
Yangzhou yangjie electr...
SKBPC3504 YANGJIE-SKBPC3504 Datasheet
93Kb / 2P
Bridge Rectifier
logo
Nanjing International G...
MDS200 DGNJDZ-MDS200 Datasheet
313Kb / 2P
Phase Rectifier Bridge Rectifier Bridge
logo
Zowie Technology Corpor...
Z4GP30MPH ZOWIE-Z4GP30MPH Datasheet
66Kb / 4P
Bridge Rectifier
Z4SGP30MDPH ZOWIE-Z4SGP30MDPH Datasheet
64Kb / 2P
Bridge Rectifier
logo
Guangdong Juxing Electr...
KBJ6005 JUXING-KBJ6005_18 Datasheet
1Mb / 2P
BRIDGE RECTIFIER
logo
SiPower Inc.
T1ZBFDIP SIPOWER-T1ZBFDIP Datasheet
321Kb / 2P
Bridge Rectifier
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com