Electronic Components Datasheet Search
  English  ▼

X  

EMF60P02J Datasheet(PDF) 4 Page - Excelliance MOS Corp.

Part # EMF60P02J
Description  P?륝hannel Logic Level Enhancement Mode Field Effect Transistor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXCELLIANCE [Excelliance MOS Corp.]
Direct Link  http://www.excelliancemos.com/
Logo EXCELLIANCE - Excelliance MOS Corp.

EMF60P02J Datasheet(HTML) 4 Page - Excelliance MOS Corp.

  EMF60P02J Datasheet HTML 1Page - Excelliance MOS Corp. EMF60P02J Datasheet HTML 2Page - Excelliance MOS Corp. EMF60P02J Datasheet HTML 3Page - Excelliance MOS Corp. EMF60P02J Datasheet HTML 4Page - Excelliance MOS Corp. EMF60P02J Datasheet HTML 5Page - Excelliance MOS Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
 
 
2014/1/7 
p.4 
EMF60P02J
Gate Threshold Voltage v.s. Junction Temperature
T   ‐ Junction Temperature (°C)
0
‐50
0.50
0.25
0.75
J
050
1.0
1.25
1.5
150
100
t  ,Time ( SEC )
Single Pulse Maximum Power Dissipation
0.001
0
5
1
0.1
0.01
1
10
15
20
1000
10
100
A
Single Pulse
R    = 100°C/W
T  = 25°C
θJA
‐1
t1  ,Time ( SEC )
Transient Thermal Response Curve
10
‐4
0.05
0.02
0.01
0.1
10
‐3
10
‐2
10
Single Pulse
Duty Cycle = 0.5
0.2
1
4.R    (t)=r(t) + R
3.T  ‐  T   = P * R     (t)
2.R     =100°C/W
1.Duty Cycle,D =
t1
P
Notes:
1
10
θ
JA
J
θ
JA
DM
1000
θ
JA
100
t1
t2
t2
θ
JA
A
0.01
0.1
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
Maximum Safe Operating Area
‐VGS,Drain‐Source Voltage( V )
VGS =‐4.5V
SINGLE PULSE
RθJA=100°C/W
TA=25°C
DC
1s
100ms
10ms
1ms
100μs
LIMIT
RDS(ON)
100
10
1
0.1
0.01
100
10
1
0.1



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com