Electronic Components Datasheet Search
  English  ▼

X  

NM1482KSLAXCL Datasheet(PDF) 16 Page - Nanya Technology Corporation.

Part # NM1482KSLAXCL
Description  MCP Specification
PDF  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NANYA [Nanya Technology Corporation.]
Direct Link  http://www.nanya.com
Logo NANYA - Nanya Technology Corporation.

NM1482KSLAXCL Datasheet(HTML) 16 Page - Nanya Technology Corporation.

Back Button NM1482KSLAXCL Datasheet HTML 12Page - Nanya Technology Corporation. NM1482KSLAXCL Datasheet HTML 13Page - Nanya Technology Corporation. NM1482KSLAXCL Datasheet HTML 14Page - Nanya Technology Corporation. NM1482KSLAXCL Datasheet HTML 15Page - Nanya Technology Corporation. NM1482KSLAXCL Datasheet HTML 16Page - Nanya Technology Corporation. NM1482KSLAXCL Datasheet HTML 17Page - Nanya Technology Corporation. NM1482KSLAXCL Datasheet HTML 18Page - Nanya Technology Corporation. NM1482KSLAXCL Datasheet HTML 19Page - Nanya Technology Corporation. NM1482KSLAXCL Datasheet HTML 20Page - Nanya Technology Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 119 page
background image
Version 1.3
16
Nanya Technology Corp.
06/2018
All Rights Reserved. ©
4Gb SLC NAND + 2Gb LPDDR2
NM1482KSLAXCL
NTC Proprietary
Level: Property
AC Test Condition
Parameter
Condition
VCC : 1.70 to 1.95V
Input level
VCC
– 0.2 V, 0.2 V
Input pulse rise and fall time
3ns
Input comparison level
Vcc / 2
Output data comparison level
Vcc / 2
Output Load
1 TTL GATE and CL=30pF
NOTE 1
Busy to ready time depends on the pull-up resistor tied to the RY/ pin.
Programming / Erasing Characteristics
(Ta= -40 to 85
℃, V
CC
=1.70 to 1.95V)
Symbol
Parameter
Min
Typ.
Max
Unit
tPROG
Average Programming Time
–
300
700
μs
tDCBSYW1
Data Cache Busy Time in Write Cache (following 11h)
–
–
10
μs
tDCBSYW21
Data Cache Busy Time in Write Cache (following 15h)
–
–
700
μs
N
Number of Partial Program Cycles in the Same Page
–
–
4
cycle
tBERASE
Block Erase Time
–
3.5
10
ms
NOTE 1
tDCBSYW2 depends on the timing between internal programming time and data in time.
Data Output
When tREH is long, output buffers are disabled by
=High, and the hold time of data output depend on tRHOH
(25ns MIN). On this condition, waveforms look like normal serial read mode.
When tREH is short, output buffers are not disabled by
 =High, and the hold time of data output depend on
tRLOH (5ns MIN). On this condition, output buffers are disabled by the rising edge of CLE, ALE,
 or falling
edge of
, and waveforms look like Extended Data Output Mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com