Electronic Components Datasheet Search
  English  ▼

X  

VSC6464 Datasheet(PDF) 5 Page - Vitesse Semiconductor Corporation

Part # VSC6464
Description  64x64 Crosspoint Switch
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation

VSC6464 Datasheet(HTML) 5 Page - Vitesse Semiconductor Corporation

  VSC6464 Datasheet HTML 1Page - Vitesse Semiconductor Corporation VSC6464 Datasheet HTML 2Page - Vitesse Semiconductor Corporation VSC6464 Datasheet HTML 3Page - Vitesse Semiconductor Corporation VSC6464 Datasheet HTML 4Page - Vitesse Semiconductor Corporation VSC6464 Datasheet HTML 5Page - Vitesse Semiconductor Corporation VSC6464 Datasheet HTML 6Page - Vitesse Semiconductor Corporation VSC6464 Datasheet HTML 7Page - Vitesse Semiconductor Corporation VSC6464 Datasheet HTML 8Page - Vitesse Semiconductor Corporation VSC6464 Datasheet HTML 9Page - Vitesse Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
VITESSE
SEMICONDUCTOR CORPORATION
Advance Product Information
VSC6464
64x64 Crosspoint Switch
G52219-0, Rev. 2.0
© VITESSE SEMICONDUCTOR CORPORATION
Page 5
8/4/98
741 Calle Plano, Camarillo, CA 93012 • 805/388-3700 • FAX: 805/987-5896
Figure 5 VSC6464 Synchronous Data Output Timing Diagram
Table 5: VSC6464 Synchronous Data Output Timing Table
Figure 6 VSC6464 Synchronous Mode Clock Relationship
Table 6: VSC6464 Synchronous Data Output Timing Table
Note: A nominal delay of 0.25 ns between input and output clocks can be achieved by a trace on the pc board run directly from
the input clock pin to the output clock pin. In this case, the clock signal should be connected to the input pin with the delay
supplied by the pc board trace.
Parameters
Description
Min
Typ
Max
Units
FMAX
Maximum CKO frequency, 50% input
-
-
250
MHz
TSMX
Maximum propagation delay CKO toDOUT<63:0>
-
-
3.7
ns
TSMN
Minimum propagation delay CKO to DOUT<63:0>
1.4
-
-
ns
TSSKW
DOUT<63:0> synchronous mode data skew
(add 0.1 for SSO)
-
-
0.75
ns
Parameters
Description
Min
Typ
Max
Units
TCC
CKO relative to CKI, 50% input
0.1
-
0.8
ns
TSSKW
TSMX
DOUT<63:0>
CKO
TSMN
CKI
CKO
TCC
T



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com