Electronic Components Datasheet Search
  English  ▼

X  

OP281 Datasheet(PDF) 6 Page - Analog Devices

Part # OP281
Description  Ultralow Power, Rail-to-Rail Output Operational Amplifiers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP281 Datasheet(HTML) 6 Page - Analog Devices

Back Button OP281 Datasheet HTML 2Page - Analog Devices OP281 Datasheet HTML 3Page - Analog Devices OP281 Datasheet HTML 4Page - Analog Devices OP281 Datasheet HTML 5Page - Analog Devices OP281 Datasheet HTML 6Page - Analog Devices OP281 Datasheet HTML 7Page - Analog Devices OP281 Datasheet HTML 8Page - Analog Devices OP281 Datasheet HTML 9Page - Analog Devices OP281 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
REV. B
–6–
OP281/OP481–Typical Performance Characteristics
–1.0 –0.8 –0.6–0.4 –0.2
0
0.2 0.4 0.6 0.8 1.0
INPUT OFFSET VOLTAGE – mV
45
40
0
20
15
10
5
35
25
30
VS = 2.7V
TA = 25 C
TPC 1. Input Offset Voltage
Distribution
TEMPERATURE – C
0
–3.5
–5.0
–40 –20
0
20
4060
80
–0.5
–3.0
–4.0
–4.5
–1.0
–2.0
–1.5
–2.5
100 120
VS = 5V
TPC 4. Input Bias Current
vs. Temperature
LOAD CURRENT – µA
10,000
1,000
0.1
1
1000
10
100
100
10
1.0
SOURCE
SINK
VS = 3V
TA = 25 C
TPC 7. Output Voltage to
Supply Rail vs. Load Current
INPUT OFFSET VOLTAGE – mV
–1.0 –0.8 –0.6–0.4 –0.2
0
0.2 0.4 0.6 0.8 1.0
45
40
0
20
15
10
5
35
25
30
VS = 5V
TA = 25 C
50
TPC 2. Input Offset Voltage
Distribution
COMMON-MODE VOLTAGE – V
1.0
–2.0
–3.5
0.0 0.5 1.0 1.5 2.0 2.5 3.0
–1.5
–2.5
–3.0
0.5
–0.5
0.0
–1.0
3.5 4.0
VS = 5V
TA = 25 C
4.5 5.0
TPC 5. Input Bias Current
vs. Common-Mode Voltage
LOAD CURRENT – µA
1,000
0.1
11000
10
100
100
10
1.0
SOURCE
SINK
VS = 5V
TA = 25 C
TPC 8. Output Voltage to
Supply Rail vs. Load Current
TEMPERATURE – C
2000
600
0
–40 –20
0
20
4060
80
1800
800
400
200
1600
1200
1400
1000
100 120
VS = 5V
TPC 3. Input Offset Voltage
vs. Temperature
TEMPERATURE – C
0.5
–0.1
–0.4
–40 –20
0
20
40
60
80
0
–0.2
–0.3
0.4
0.2
0.3
0.1
100 120
VS = 5V
TPC 6. Input Offset Current
vs. Temperature
LOAD CURRENT – µA
1,000
0.1
11000
10
100
100
10
1.0
SOURCE
SINK
VS = 5V
TA = +25 C
TPC 9. Output Voltage to
Supply Rail vs. Load Current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com