Electronic Components Datasheet Search
  English  ▼

X  

EG324 Datasheet(PDF) 11 Page - Jingjing Microelectronics Co., Ltd

Part # EG324
Description  Four-dImensIonal independent operation amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EGMICRO [Jingjing Microelectronics Co., Ltd]
Direct Link  http://www.egmicro.com/
Logo EGMICRO - Jingjing Microelectronics Co., Ltd

EG324 Datasheet(HTML) 11 Page - Jingjing Microelectronics Co., Ltd

Back Button EG324 Datasheet HTML 7Page - Jingjing Microelectronics Co., Ltd EG324 Datasheet HTML 8Page - Jingjing Microelectronics Co., Ltd EG324 Datasheet HTML 9Page - Jingjing Microelectronics Co., Ltd EG324 Datasheet HTML 10Page - Jingjing Microelectronics Co., Ltd EG324 Datasheet HTML 11Page - Jingjing Microelectronics Co., Ltd EG324 Datasheet HTML 12Page - Jingjing Microelectronics Co., Ltd EG324 Datasheet HTML 13Page - Jingjing Microelectronics Co., Ltd EG324 Datasheet HTML 14Page - Jingjing Microelectronics Co., Ltd EG324 Datasheet HTML 15Page - Jingjing Microelectronics Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
屹晶微电子有限公司
EG324 芯片数据手册 V1.0
四路独立运算放大器
2017 © 屹晶微电子有限公司 版权所有
www.egmicro.com
8/13
7.2 典型参数
无另外说明,在
TA=25℃,Vcc=5V
参数名称
符号
测试条件
最小
典型
最大
单位
输入失调电压
VIO
VOUT: 1.4V,RS:0Ω
2
5
mV
输入失调电流
IIO
IIN+ -IIN-, VCM=0V
5
50
nA
输入偏置电流
IB
IIN+ or IIN- with output in Linear
Range,
IB =(IIN++ IIN-)/2,VCM =0V
20
200
nA
电压增益
Avd
RL=2kΩ,VCC+=15V, VOUT=1.4V~11.4V
85
100
dB
电源电压抑制比
PSRR
VCC=5V to 15V
70
100
dB
静态电流
ICC1
VCC=5V
0.25
0.5
mA
ICC2
VCC=18V
0.3
0.6
共模输入电压范围
Vicm
VCC=15V
0
VCC-1.5
V
共模抑制比
CMRR
70
90
dB
输出源电流
Isource
VID-=1V,VCC=15V,VOUT=2V
20
45
mA
输出短路电流
ISC
VCC=15V
45
60
mA
输出陷电流
Isink1
VID+=0V,VID-=1V,VCC=15V,VOUT=2V
10
20
mA
Isink2
VID+=0V,VID-=1V,VCC=15V,VOUT=0.2V
12
70
uA
输出高电平
VOH1
VCC=15V,RL=2k
12
V
VOH2
VCC=15V,RL=10k
12.5
13.5
V
输出低电平
VOL
VCC=5V,RL=10k
5
20
mV
输入失调电压温漂
DVio
7
30
uV/℃
通道隔离度
CS
f=1kHz to 20kHz
-120
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com