Electronic Components Datasheet Search
  English  ▼

X  

AMC7124 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # AMC7124
Description  Flash Light LED Driver
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

AMC7124 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  AMC7124 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
AMC DOC. #: AMC7123_A
December 2003 V2.2
Copyright
© 2003, ADD Microtech Corp.
1
www.addmtek.com
AMC7123/4
Flash Light LED Driver
®
ADD MICROTECH CORP.
DESCRIPTION
FEATURES
No external component required.
Programmable output current control
by ENL, ENH
120mA LED driving capability.
Output short / open circuit protection.
1 channel, 3 channels available in
MSOP-8 package..
High efficiency
Thermal Shut-Down protection.
Supply voltage range 2.7V ~ 6V
0.1uA Shut-Down current
2KV HBM ESD protection
Advanced Bi-CMOS process.
APPLICATIONS
The AMC7123/4 is member of ADDM North
Star White/Blue LED driver family. No external
component is required. Especially good for use
flash light LED driver. The special circuit design
provides over 90% efficiency in low noise. The
AMC7123/4 is Integrated with 2 control pins for
LEDs driving current control.
Target end applications are camera flash light
LCD driver for mobile phone, smart phone, PDA,
Digital Still Camera, etc.
Device Name Maximum LED
Drive Current
Minimum LED
Drive Current
LED Channel
AMC7123DN
120mA
20mA
1
AMC7124DN
120mA
20mA
3
Mobile Phone, Smart Phone Camera LED
Flash Light.
Digital Still Camera LED Flash Light.
PACKAGE PIN OUT
AMC7124DN
VDD
ENH
ENL
LED1
1
GND
2
GND
LED2
LED3
3
4
8
7
6
5
AMC7123DN
VDD
ENH
ENL
GND
1
GND
2
GND
LED
LED
3
4
8
7
6
5


Similar Part No. - AMC7124

ManufacturerPart #DatasheetDescription
logo
ADDtek Corp
AMC7124 ADDTEK-AMC7124 Datasheet
97Kb / 8P
FLASH LIGHT LED DRIVER
JULY 2006
AMC7124DN ADDTEK-AMC7124DN Datasheet
97Kb / 8P
FLASH LIGHT LED DRIVER
JULY 2006
AMC7124DNF ADDTEK-AMC7124DNF Datasheet
97Kb / 8P
FLASH LIGHT LED DRIVER
JULY 2006
More results

Similar Description - AMC7124

ManufacturerPart #DatasheetDescription
logo
ADDtek Corp
AMC7123 ADDTEK-AMC7123 Datasheet
97Kb / 8P
FLASH LIGHT LED DRIVER
JULY 2006
logo
CITIZEN ELECTRONICS CO....
CL-473S CITIZEN-CL-473S Datasheet
92Kb / 1P
LED For Flash Light Source
CL-473S CITIZEN-CL-473S Datasheet
296Kb / 1P
LED For Flash Light Source
CL-597S CITIZEN-CL-597S_1 Datasheet
299Kb / 1P
LED For Flash Light Source
CL-695S CITIZEN-CL-695S_1 Datasheet
388Kb / 1P
LED For Flash Light Source
CL-770S CITIZEN-CL-770S Datasheet
390Kb / 1P
LED For Flash Light Source
logo
Integrated Silicon Solu...
IS31BL3231 ISSI-IS31BL3231 Datasheet
444Kb / 9P
FLASH LED DRIVER
IS31BL3232 ISSI-IS31BL3232 Datasheet
404Kb / 11P
FLASH LED DRIVER
IS31BL3231-DLS2 ISSI-IS31BL3231-DLS2 Datasheet
389Kb / 13P
FLASH LED DRIVER
IS31BL3232-DLS2 ISSI-IS31BL3232-DLS2 Datasheet
404Kb / 11P
FLASH LED DRIVER
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com