Electronic Components Datasheet Search
  English  ▼

X  

M28W640FST70ZA1F Datasheet(PDF) 1 Page - STMicroelectronics

Part # M28W640FST70ZA1F
Description  32Mbit (2Mb x16) and 64Mbit (4Mb x16) 3V Supply, Boot Block, Secure Flash Memories
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M28W640FST70ZA1F Datasheet(HTML) 1 Page - STMicroelectronics

  M28W640FST70ZA1F Datasheet HTML 1Page - STMicroelectronics M28W640FST70ZA1F Datasheet HTML 2Page - STMicroelectronics M28W640FST70ZA1F Datasheet HTML 3Page - STMicroelectronics M28W640FST70ZA1F Datasheet HTML 4Page - STMicroelectronics M28W640FST70ZA1F Datasheet HTML 5Page - STMicroelectronics M28W640FST70ZA1F Datasheet HTML 6Page - STMicroelectronics M28W640FST70ZA1F Datasheet HTML 7Page - STMicroelectronics M28W640FST70ZA1F Datasheet HTML 8Page - STMicroelectronics M28W640FST70ZA1F Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 55 page
background image
1/55
August 2005
M28W320FST, M28W320FSB,
M28W640FSB, M28W640FST
32Mbit (2Mb x16) and 64Mbit (4Mb x16)
3V Supply, Boot Block, Secure Flash Memories
FEATURES SUMMARY
■
SUPPLY VOLTAGE
–VDD = 2.7V to 3.6V Core Power Supply
–VDDQ= 1.65V to 3.6V for Input/Output
–VPP = 12V for fast Program (optional)
■
ACCESS TIME: 70ns
■
PROGRAMMING TIME:
–
10µs typical
–
Double Word Programming Option
–
Quadruple Word Programming Option
■
COMMON FLASH INTERFACE
■
MEMORY BLOCKS
–
Parameter Blocks (Top or Bottom
location)
–
Main Blocks
■
HARDWARE PROTECTION
–VPP Pin for write protect of all blocks
■
SECURITY FEATURES
–
128 bit User-programmable OTP segment
–
64 bit Unique Device Identifier
–
KRYPTO Features:
Modify Protection,
Read Protection,
Device Authentication
■
AUTOMATIC STAND-BY MODE
■
PROGRAM and ERASE SUSPEND
■
100,000 PROGRAM/ERASE CYCLES per
BLOCK
■
ELECTRONIC SIGNATURE
–
Manufacturer Code: 20h
–
Device Codes:
M28W320FST: 880Ah,
M28W320FSB: 880Bh
M28W640FST: 8858h,
M28W640FSB: 8859h
■
ECOPACK® PACKAGE AVAILABLE
Figure 1. Package
BGA
TBGA64 (ZA)
10 x 13mm


Similar Part No. - M28W640FST70ZA1F

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M28W640FSU STMICROELECTRONICS-M28W640FSU Datasheet
797Kb / 49P
32Mbit (2Mb x16) and 64Mbit (4Mb x16) 3V Supply, Uniform Block, Secure Flash Memories
16-May-2005
M28W640FSU-ZA STMICROELECTRONICS-M28W640FSU-ZA Datasheet
797Kb / 49P
32Mbit (2Mb x16) and 64Mbit (4Mb x16) 3V Supply, Uniform Block, Secure Flash Memories
16-May-2005
M28W640FSU-ZAE STMICROELECTRONICS-M28W640FSU-ZAE Datasheet
797Kb / 49P
32Mbit (2Mb x16) and 64Mbit (4Mb x16) 3V Supply, Uniform Block, Secure Flash Memories
16-May-2005
M28W640FSU-ZAF STMICROELECTRONICS-M28W640FSU-ZAF Datasheet
797Kb / 49P
32Mbit (2Mb x16) and 64Mbit (4Mb x16) 3V Supply, Uniform Block, Secure Flash Memories
16-May-2005
M28W640FSU-ZAT STMICROELECTRONICS-M28W640FSU-ZAT Datasheet
797Kb / 49P
32Mbit (2Mb x16) and 64Mbit (4Mb x16) 3V Supply, Uniform Block, Secure Flash Memories
16-May-2005
More results

Similar Description - M28W640FST70ZA1F

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M28W640CT STMICROELECTRONICS-M28W640CT Datasheet
393Kb / 54P
64 Mbit 4Mb x16, Boot Block 3V Supply Flash Memory
31-Oct-2001
M28W640ECT STMICROELECTRONICS-M28W640ECT Datasheet
838Kb / 55P
64 Mbit 4Mb x16, Boot Block 3V Supply Flash Memory
29-Apr-2003
M29W320DT STMICROELECTRONICS-M29W320DT Datasheet
524Kb / 56P
32 Mbit 4Mb x8 or 2Mb x16, Boot Block 3V Supply Flash Memory
13-Jun-2006
M58LV064A STMICROELECTRONICS-M58LV064A Datasheet
450Kb / 65P
64 Mbit 4Mb x16 or 2Mb x32, Uniform Block, Burst 3V Supply Flash Memories
16-Dec-2002
M29W320ET STMICROELECTRONICS-M29W320ET Datasheet
887Kb / 46P
32 Mbit (4Mb x8 or 2Mb x16, Boot Block) 3V Supply Flash Memory
14-Mar-2005
M28W320FSU STMICROELECTRONICS-M28W320FSU Datasheet
797Kb / 49P
32Mbit (2Mb x16) and 64Mbit (4Mb x16) 3V Supply, Uniform Block, Secure Flash Memories
16-May-2005
M28W320EBT STMICROELECTRONICS-M28W320EBT Datasheet
299Kb / 45P
32 Mbit (2Mb x16, Boot Block) 3V Supply Flash Memory
03-Oct-2002
M28W320CT STMICROELECTRONICS-M28W320CT Datasheet
414Kb / 42P
32 Mbit (2Mb x16, Boot Block) 3V Supply Flash Memory
17-May-2000
logo
Numonyx B.V
M28W320FCT NUMONYX-M28W320FCT Datasheet
1Mb / 69P
32 Mbit (2Mb x16, Boot Block) 3V Supply Flash Memory
logo
STMicroelectronics
M28W320BT STMICROELECTRONICS-M28W320BT Datasheet
211Kb / 43P
32 Mbit (2Mb x16, Boot Block) 3V Supply Flash Memory
16-May-2002
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com