Electronic Components Datasheet Search
  English  ▼

X  

IPT2601 Datasheet(PDF) 2 Page - SHENZHEN FUMAN ELECTRONICS CO., LTD.

Part # IPT2601
Description  USB fast charging port controller
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUMAN [SHENZHEN FUMAN ELECTRONICS CO., LTD.]
Direct Link  http://www.superchip.cn
Logo FUMAN - SHENZHEN FUMAN ELECTRONICS CO., LTD.

IPT2601 Datasheet(HTML) 2 Page - SHENZHEN FUMAN ELECTRONICS CO., LTD.

  IPT2601 Datasheet HTML 1Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. IPT2601 Datasheet HTML 2Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. IPT2601 Datasheet HTML 3Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. IPT2601 Datasheet HTML 4Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. IPT2601 Datasheet HTML 5Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. IPT2601 Datasheet HTML 6Page - SHENZHEN FUMAN ELECTRONICS CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
深圳市富满电子集团股份有限公司
SHEN ZHEN FINE MAD ELECTRONICS GROUP CO., LTD.
IPT2601 (文件编号:S&CIC1487)
USB 快速充电端口控制器
Version 1.2
第 2 页 共 6 页
Copyright © 2016, 云矽半导体
5 订购信息
料号
丝印
QC_EN
封装
IPT2601F
2601
XXXXF
悬空:快充响应最高电压为 9V
SOT23-6
IPT2601Q
2601
XXXXQ
悬空:快充响应最高电压为 12V
SOT23-6
印字说明
:
第一行
,2601:芯片型号;
第二行
,XXXX+X:Lot Number+软件版本。
6 引脚定义
1
2
3
6
5
4
DP
GND
FBO
QC_EN
VDD
DM
IPT2601
序号
名称
类型
描述
1
DP
I/O
USB positive data line.
2
GND
P
Ground connection.
3
FBO
I/O
Feedback output. Current source/sink output.
4
QC_EN
I
There are different functions when different states.
HIGH enables Quick Charge
(1) and the response Voltage is 3.6V~12V;
H-Z also enables Quick Charge, in 2601F the response Voltage is 3.6V~9V,
whereas in 2601Q it is 3.6V~12V;
LOW disables Quick Charge.
5
VDD
P
Power supply.
6
DM
I/O
USB negative data line.
(1).Quick Charge includes AFC/FCP/QC.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com