Electronic Components Datasheet Search
  English  ▼

X  

IPT2602CB Datasheet(PDF) 2 Page - SHENZHEN FUMAN ELECTRONICS CO., LTD.

Part # IPT2602CB
Description  USB fast charging port controller
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUMAN [SHENZHEN FUMAN ELECTRONICS CO., LTD.]
Direct Link  http://www.superchip.cn
Logo FUMAN - SHENZHEN FUMAN ELECTRONICS CO., LTD.

IPT2602CB Datasheet(HTML) 2 Page - SHENZHEN FUMAN ELECTRONICS CO., LTD.

  IPT2602CB Datasheet HTML 1Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. IPT2602CB Datasheet HTML 2Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. IPT2602CB Datasheet HTML 3Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. IPT2602CB Datasheet HTML 4Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. IPT2602CB Datasheet HTML 5Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. IPT2602CB Datasheet HTML 6Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. IPT2602CB Datasheet HTML 7Page - SHENZHEN FUMAN ELECTRONICS CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
深圳市富满电子集团股份有限公司
SHEN ZHEN FINE MAD ELECTRONICS GROUP CO., LTD.
IPT2602 (文件编号:S&CIC1552)
USB 快速充电端口控制器
Version 1.0
第 2 页 共 7 页
Copyright © 2017, 云矽半导体
4 应用电路图
VDD
FBO
CSP
CSN
GND
DP
DM
HVDCPEN
VBUS
GND
DP
DM
VOUT
GND
FB
2.2kOhm
R2
15mOhm
1uF
COUT
Power
Source
USB
Connector
图 1 IPT2602 典型应用图(无 NTC)
VDD
FBO
CSP
CSN
GND
DP
DM
HVDCPEN
VBUS
GND
DP
DM
VOUT
GND
FB
2.2kOhm
R2
15mOhm
1uF
COUT
Power
Source
USB
Connector
R4
R5
RNTC
图 2 IPT2602 典型应用图(有 NTC)
5 订购信息
Part Number
QC Class
Marking
Package
IPT2602
A 类
2602
XXXX
SOP8
IPT2602CB
B 类
2602CB
XXXX
SOP8



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com