Electronic Components Datasheet Search
  English  ▼

X  

HER201 Datasheet(PDF) 1 Page - Guangdong Juxing Electronics Technology Co., Ltd.

Part # HER201
Description  Ultra Fast Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JUXING [Guangdong Juxing Electronics Technology Co., Ltd.]
Direct Link  http://www.trr-jx.com
Logo JUXING - Guangdong Juxing Electronics Technology Co., Ltd.

HER201 Datasheet(HTML) 1 Page - Guangdong Juxing Electronics Technology Co., Ltd.

  HER201_18 Datasheet HTML 1Page - Guangdong Juxing Electronics Technology Co., Ltd. HER201_18 Datasheet HTML 2Page - Guangdong Juxing Electronics Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
http://www.trr-jx.com
version: 02
FEATURES
· Plastic package has Underwriters Laboratory
DO-15
Flammability Classification 94V-O ctilizing
· 2.0 ampere operation at TA=55℃ With no
thermal runaway.
MECHANICAL DATA
Terminals: Axial leads, solderable per MIL-STD-202,
method 208 guaranteed
Polarity: Band denotes cathode
Mounting position: Any
Weight: 0.015ounce, 0.4gram
Maximum Ratings and Electrical Characteristics
Ratings at 25℃ ambient temperature unless otherwise specified.
Single phase, half wave, 60HZ, resistive or inductive load.
For capacitive load, derate current by 20%.
Symbols HER201 HER202 HER203 HER204 HER205 HER206 HER207 HER208
Units
Maximum Recurrent Peak Reverse Voltage
VRRM
50
100
200
300
400
600
800
1000
Volts
Maximum RMS Voltage
VRMS
35
70
140
210
280
420
560
700
Volts
Maximum DC Blocking Voltage
VDC
50
100
200
300
400
600
800
1000
Volts
Maximum Average Forward Rectified Current
.375"(9.5mm) Lead Length at T A=55℃
Peak Forward Surge Current,
8.3ms single half-sine-wave
superimposed on rated load (JEDEC method)
Maximum Forward Voltage at 2.0A and TA=25℃
VF
Volts
Maximum Reverse Current
at TJ=25℃
at Rated DC Blocking Voltage
TJ=100℃
Typical Junction Capacitance (Note 1)
CJ
pF
Maximum Reverse Recovery Time (Note 2)
TRR
nS
Typical Thermal Resistance (Note 3)
RθJA
℃
/W
Operating and Storage Temperature Range
TJ,Tstg
℃
NOTES:
1- Measured at 1 MHZ and applied reverse voltage of 4.0 VDC.
2- Reverse Recovery Test Conditions:IF=.5A,IR=1A,IRR=.25A.
3- Thermal Resistance from Junction to Ambient at 0.375"(9.5mm) lead length P.C.B. Mounted.
Dimensions in inches and (millimeters)
1.7
IR
2.0
60
5.0
I(AV)
IFSM
1.3
1.0
-55 to +125
Amp
Amp
uAmp
500
35
50
75
45
Flame Retardant Epoxy Molding Compound.
· Void-free Plastic in a DO-15 package.
· Ultra Fast switching for high efficiency.
· Exceeds environmental standards of MIL-S-19500/228
Case: Molded plastic, DO-15
HER201 THRU HER208
Ultra Fast Rectifiers


Similar Part No. - HER201_18

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
HER201 TSC-HER201_1 Datasheet
269Kb / 2P
2.0 AMPS. High Efficiency Rectifiers
HER201 TSC-HER201_10 Datasheet
551Kb / 2P
2.0 AMPS. High Efficiency Rectifiers
logo
Micro Commercial Compon...
HER201 MCC-HER201_11 Datasheet
245Kb / 3P
2.0 Amp High Efficient Rectifiers 50 to 1000 Volts
logo
Yangzhou yangjie electr...
HER201 YANGJIE-HER201_11 Datasheet
133Kb / 2P
High Efficient Rectifier
logo
Taiwan Semiconductor Co...
HER201 TSC-HER201_11 Datasheet
190Kb / 2P
2.0AMPS High Efficient Rectifiers
More results

Similar Description - HER201_18

ManufacturerPart #DatasheetDescription
logo
HY ELECTRONIC CORP.
UF4001 HY-UF4001 Datasheet
35Kb / 2P
ULTRA FAST RECTIFIERS
UF5001 HY-UF5001 Datasheet
40Kb / 2P
ULTRA FAST RECTIFIERS
logo
Compact Technology Corp...
UF2001 CTC-UF2001 Datasheet
38Kb / 2P
ULTRA FAST RECTIFIERS
logo
Guangdong Juxing Electr...
HER101 JUXING-HER101 Datasheet
1Mb / 2P
Ultra Fast Rectifiers
HER601 JUXING-HER601 Datasheet
1Mb / 2P
Ultra Fast Rectifiers
logo
Compact Technology Corp...
UF1501 CTC-UF1501_15 Datasheet
56Kb / 2P
ULTRA FAST RECTIFIERS
logo
Microdiode Semiconducto...
UF5400 CHENDA-UF5400 Datasheet
534Kb / 2P
ULTRA FAST RECTIFIERS
logo
DONGGUAN YOU FENG WEI E...
MUR410G YFWDIODE-MUR410G Datasheet
431Kb / 3P
Ultra Fast Rectifiers
logo
SAMYANG ELECTRONICS CO....
US5A SAMYANG-US5A Datasheet
1Mb / 3P
ULTRA FAST RECTIFIERS
logo
Microsemi Corporation
UHVP2802 MICROSEMI-UHVP2802 Datasheet
128Kb / 1P
Ultra Fast Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com