Electronic Components Datasheet Search
  English  ▼

X  

MSCBT Datasheet(PDF) 6 Page - Mixed Signal Integration

Part # MSCBT
Description  Communications Baseband Transceiver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSI [Mixed Signal Integration]
Direct Link  https://www.mix-sig.com
Logo MSI - Mixed Signal Integration

MSCBT Datasheet(HTML) 6 Page - Mixed Signal Integration

Back Button MSCBT Datasheet HTML 2Page - Mixed Signal Integration MSCBT Datasheet HTML 3Page - Mixed Signal Integration MSCBT Datasheet HTML 4Page - Mixed Signal Integration MSCBT Datasheet HTML 5Page - Mixed Signal Integration MSCBT Datasheet HTML 6Page - Mixed Signal Integration MSCBT Datasheet HTML 7Page - Mixed Signal Integration MSCBT Datasheet HTML 8Page - Mixed Signal Integration MSCBT Datasheet HTML 9Page - Mixed Signal Integration MSCBT Datasheet HTML 10Page - Mixed Signal Integration Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
www.mix-sig.com
©
2014 Mixed Signal Integration
6
R
Register 2
______
ADDRESS
DATA
R/W A4 A3 A2 A1 A0
D9 D8 D7 D6
GATT0
D5 SWITCH 3 D4
SLPF
D2 D1 D1 D0
GATT1
1
X
X
0
1
0
0
0
0
0
-4.0
0
LIMITER
0
3kHz
0 0
0
0
0.0 dB
1
X
X
0
1
0
0
0
0
1
-3.5
1
GATT1
1
2.55 kHz 0
0
0
1
0.5
1
X
X
0
1
0
0
0
1
0
-3.0
0 0
1
0
1.0
1
X
X
0
1
0
0
0
1
1
-2.5
0 0
1
1
1.5
1
X
X
0
1
0
0
1
0
0
-2.0
0 1
0
0
2.0
1
X
X
0
1
0
0
1
0
1
-1.5
0 1
0
1
2.5
1
X
X
0
1
0
0
1
1
0
-1.0
0 1
1
0
3.0
1
X
X
0
1
0
0
1
1
1
-0.5
0 1
1
1
3.5
1
X
X
0
1
0
1
0
0
0
-0.0
1 0
0
0
4.0
1
X
X
0
1
0
1
0
0
1
+0.5
1 0
0
1
4.5
1
X
X
0
1
0
1
0
1
0
+1.0
1 0
1
0
5.0
1
X
X
0
1
0
1
0
1
1
+1.5
1 0
1
1
5.5
1
X
X
0
1
0
1
1
0
0
+2.0
1 1
0
0
6.0
1
X
X
0
1
0
1
1
0
1
+2.5
1 1
0
1
6.5
1
X
X
0
1
0
1
1
1
0
+3.0
1 1
1
0
7.0
1
X
X
0
1
0
1
1
1
1
+3.5
1 1
1
1
7.5
R
Register 1
_____
ADDRESS
DATA
R/W A4 A3 A2 A1 A0 D9 D8 D7 AMP GAIN D6 D5 LIMM
D4 D3 D2 D1 POTENTIOMETER VOLUME D0
1
X
X
0
0
1
0
0
0
+0.0 dB
0
0
-2.4 dB 0
0
0
0
MUTE
X
1
X
X
0
0
1
0
0
1
+15.0
0
1
-4.2
0
0
0
1
-2.5 dB
X
1
X
X
0
0
1
0
1
0
+18.3
1
0
-6.0
0
0
1
0
-5
x
1
X
X
0
0
1
0
1
1
+21.7
1
1
-7.8
0
0
1
1
-7.5
x
1
X
X
0
0
1
1
0
0
+25.0
0
1
0
0
-10.0
x
1
X
X
0
0
1
1
0
1
+28.3
0
1
0
1
-12.5
x
1
X
X
0
0
1
1
1
0
+31.7
0
1
1
0
-15.0
x
1
X
X
0
0
1
1
1
1
+35.0
0
1
1
1
-17.5
x
1
X
X
0
0
1
1
0
0
1
0
0
0
-20.0
x
1
X
X
0
0
1
1
0
0
1
0
0
1
-22.5
x
1
X
X
0
0
1
1
0
1
1
0
1
0
-25.0
x
1
X
X
0
0
1
1
0
1
1
0
1
1
-27.5
x
1
X
X
0
0
1
1
1
0
1
1
0
0
-30.0
X
1
X
X
0
0
1
1
1
0
1
1
0
1
-32.5
X
1
X
X
0
0
1
1
1
1
1
1
1
0
-35.0
X
1
X
X
0
0
1
1
1
1
1
1
1
1
-37.5
X
10/2014
Communications Baseband Transceiver
Data Sheet



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com