Electronic Components Datasheet Search
  English  ▼

X  

MSDETC Datasheet(PDF) 1 Page - Mixed Signal Integration

Part # MSDETC
Description  Tone Detector
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSI [Mixed Signal Integration]
Direct Link  https://www.mix-sig.com
Logo MSI - Mixed Signal Integration

MSDETC Datasheet(HTML) 1 Page - Mixed Signal Integration

  MSDETC Datasheet HTML 1Page - Mixed Signal Integration MSDETC Datasheet HTML 2Page - Mixed Signal Integration MSDETC Datasheet HTML 3Page - Mixed Signal Integration MSDETC Datasheet HTML 4Page - Mixed Signal Integration  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Descrription
The Mixed Signal Integration Tone Detector
(MSDET) is a monolithic CMOS integrated circuit
for pre-processing analog signals before microcon-
troller operations. The MSDET contains an I and
Q detector driven by a voltage controlled oscilla-
tor.
The center frequency of the tone detection
is one-half of the VCO frequency.
Center fre-
quencies from 1 Hz to 100 kHz can be detect-
ed, and FSK decoded.
The MSDET is an analog
PLL with the improved noise immunity inherent in
such a design.
By using the MSDET to demodulate and detect
FSK or tones a slower, lower cost microcontroller
can be used.
The reduction in microcontroller
clock rate also reduces the problems with RF
emissions for FCC and CE approvals.
The
MSDET operates with a supply voltage from 2.7
VDC to 5.5 VDC
The MSDET is superior to the industry standard
567 tone decoder in that more filtering can be
added in the detection loop and output filter.
The MSDET is available in a 16-pin SOIC (150
mil wide).
Industrial temperature range (-40 to
+85oC) is available.
Feaaturres
Low Power Consumption:
Less than 2.0 mW at 2.7V
Analog PLL for improved noise immunity
Applicaations
Satellite radio communications
Standard and non-standard tone detection
Standard and non-standard FSK demodulation
Caller ID demodulation
Bell 103, 202 or ITU V.21, V.23 demodulation
Absolute Maaximum Raatings
Power Supply Voltage
+6 V
Storage Temperature Range
-60o to +150o C
Operating Temperature Range
-40o to +85o C
Tone Dettecttor
Datta Sheett
Figure 1 Block Diagram
6/2014
©2004-2
2014 Mixeed Signal Inteegratioon
1
Weeb Sitee ““www.mix-ssig.coom””
LOUT
IN
QOUT
LI
LPOUT
R
C
VIND I
VREF
DOUT
O SCI
LLA TO R
GA IN


Similar Part No. - MSDETC

ManufacturerPart #DatasheetDescription
logo
Minmax Technology Co., ...
MSDEU02-HI MINMAX-MSDEU02-HI Datasheet
576Kb / 4P
qualified for igbt and high isolation applications
More results

Similar Description - MSDETC

ManufacturerPart #DatasheetDescription
logo
Micro Linear Corporatio...
ML2031 MICRO-LINEAR-ML2031 Datasheet
459Kb / 9P
TONE DETECTOR
logo
List of Unclassifed Man...
FX633 ETC-FX633 Datasheet
331Kb / 12P
Call Progress Tone Detector
logo
Microsemi Corporation
MX633 MICROSEMI-MX633 Datasheet
95Kb / 11P
CALL PROCRESS TONE DETECTOR
logo
Holtek Semiconductor In...
HT9020B HOLTEK-HT9020B Datasheet
120Kb / 7P
Call Progress Tone Detector
March 31, 2003
HT9033 HOLTEK-HT9033 Datasheet
140Kb / 9P
CAS Tone Detector
May 22, 2006
logo
CML Microcircuits
MX105A CMLMICRO-MX105A Datasheet
160Kb / 15P
Tone Detector
FX105A CMLMICRO-FX105A Datasheet
351Kb / 16P
Tone Detector
FX105P CMLMICRO-FX105P Datasheet
259Kb / 8P
Tone Detector
FX633 CMLMICRO-FX633 Datasheet
299Kb / 13P
Call Progress Tone Detector
FX643 CMLMICRO-FX643 Datasheet
274Kb / 14P
Call Progress Tone Detector
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com