Electronic Components Datasheet Search
  English  ▼

X  

MSFB1G Datasheet(PDF) 3 Page - Mixed Signal Integration

Part # MSFB1G
Description  Bandwidth/Gain Selectable Bandpass Filter
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSI [Mixed Signal Integration]
Direct Link  https://www.mix-sig.com
Logo MSI - Mixed Signal Integration

MSFB1G Datasheet(HTML) 3 Page - Mixed Signal Integration

  MSFB1G Datasheet HTML 1Page - Mixed Signal Integration MSFB1G Datasheet HTML 2Page - Mixed Signal Integration MSFB1G Datasheet HTML 3Page - Mixed Signal Integration MSFB1G Datasheet HTML 4Page - Mixed Signal Integration  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Filter Selection
The filter type is selected using the filter select
pin, TYPE.
TYPE Is a tertiary control pin that
selects the filter response.
State 0 is GND,
state 1 is VREF and state 2 is VDD.
TYPE
Bandpass
0
Full Octave
1
Third Octave
2
Sixth Octave
Pin Description
1.
OUT
Filter Output
2
TYPE
Filter Response Select Pin.
3.
CLK
CMOS Level Clock Input
4.
G
Gain Select Pin
5.
VDD
Positive Power Supply,Typically
+1.5 Volts for Split Supply, +3.0
Volts for Single Supply
6
GND
Negative Power Supply,Typically
-1.5 Volts for Split Supply, 0
Volts for Single Supply
7.
VREF
Reference output, OV for Split
Supplies
+1.5 Volts Typical for Single
Supply. For other VDD:
VREF = (VDD-VGND)/2
8` .
IN
Filter Input
Gain Selection
The Gain control pin G is a tertiary control pin
where state 0 is GND, state 1 is VREF level
and state 2 is VDD.
G
Gain
0
OdB
1
10dB
2
20dB
The sample rate ratio is twice the clock to cor-
ner ratio (double sampling).
Pin Configuration
Note that the large pads on the solder side of
the VDFN package is tied internally to VDD.
Do
not ground this pad.
© 2015 Mixed Signal Integration
www.mix-ssig.com
MSFB1G, MSFB3BG, MSFB5G, MSFB6G
Bandwidth/Gain Selectable Bandpass
Filter
Data Sheet
Rev. 1.0 10/2015
3
Ordering Information
Part Number
Package
Clock to Corner Ratio
Max F
MSFB1GD
8 Pin VDFN
50
20 kHz
MSFB3GD
8 Pin VDFN
50
3 kHz
MSFB5GD
8 Pin VDFN
100
20 kHz
MSFB6GD
8 Pin VDFN
100
3 kHz



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com