Electronic Components Datasheet Search
  English  ▼

X  

GPL10B Datasheet(PDF) 23 Page - Generalplus Technology Inc.

Part # GPL10B
Description  7KB LCD Controller/Driver
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENERALPLUS [Generalplus Technology Inc.]
Direct Link  http://www.generalplus.com
Logo GENERALPLUS - Generalplus Technology Inc.

GPL10B Datasheet(HTML) 23 Page - Generalplus Technology Inc.

Back Button GPL10B Datasheet HTML 15Page - Generalplus Technology Inc. GPL10B Datasheet HTML 16Page - Generalplus Technology Inc. GPL10B Datasheet HTML 17Page - Generalplus Technology Inc. GPL10B Datasheet HTML 18Page - Generalplus Technology Inc. GPL10B Datasheet HTML 19Page - Generalplus Technology Inc. GPL10B Datasheet HTML 20Page - Generalplus Technology Inc. GPL10B Datasheet HTML 21Page - Generalplus Technology Inc. GPL10B Datasheet HTML 22Page - Generalplus Technology Inc. GPL10B Datasheet HTML 23Page - Generalplus Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 23 / 23 page
background image
GPL10B
© Generalplus Technology Inc.
Proprietary & Confidential
23
May 29, 2014
Version: 1.5
11. REVISION HISTORY
Date
Revision #
Description
Page
May 29, 2014
1.5
1. Modify 7.1.
2. Modify 8.1 Note: adds the description of crystal.
15
18
Mar. 12, 2014
1.4
Remove P3 Note: Patent Circuitry Included. Taiwan Patent No. 68824.
3
OCT. 31, 2012
1.3
1. Modify 7.4 Relationships between the ROSC and the FOSC.
2. Modify 7.5 Relationships between the FOSC and the VDD.
16
16
MAR. 11, 2010
1.2
1. Modify 5.7. Interrupts
2. Modify 5.10. Output Waveform of the LCD Driver
6
8, 9, 11
DEC. 30, 2009
1.1
1. Add 7.7 The Relationships between the ROSC32K and the F32K.
2. Add 7.8 The Relationships between the F32K and the VDD.
16
JUL. 10, 2008
1.0
1.Modify 7.2 DC Characteristics(VDD = 3.0V, TA = 25℃)
2.Modify 7.3 DC Characteristics(VDD = 4.5V, TA = 25℃)
3. Modify 7.4 Relationships between the ROSC and the FCPU
4. Modify 7.5 Relationships between the FCPU and the VDD
5. Modify 7.6 Relationships between the FCPU and the IOP
14
14
15
15
15
FEB. 14, 2008
0.1
Original
Note: The GPL10B data sheet v1.0 is a continued version of GPL10A5 data sheet v1.4.
21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com