Electronic Components Datasheet Search
  English  ▼

X  

GPL12A Datasheet(PDF) 10 Page - Generalplus Technology Inc.

Part # GPL12A
Description  8K Bytes Micro-controller with LCD Driver
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENERALPLUS [Generalplus Technology Inc.]
Direct Link  http://www.generalplus.com
Logo GENERALPLUS - Generalplus Technology Inc.

GPL12A Datasheet(HTML) 10 Page - Generalplus Technology Inc.

Back Button GPL12A Datasheet HTML 6Page - Generalplus Technology Inc. GPL12A Datasheet HTML 7Page - Generalplus Technology Inc. GPL12A Datasheet HTML 8Page - Generalplus Technology Inc. GPL12A Datasheet HTML 9Page - Generalplus Technology Inc. GPL12A Datasheet HTML 10Page - Generalplus Technology Inc. GPL12A Datasheet HTML 11Page - Generalplus Technology Inc. GPL12A Datasheet HTML 12Page - Generalplus Technology Inc. GPL12A Datasheet HTML 13Page - Generalplus Technology Inc. GPL12A Datasheet HTML 14Page - Generalplus Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
GPL12A
© Generalplus Technology Inc.
Proprietary & Confidential
10
Jul. 27, 2011
Version: 1.4
5.8. IR Output Control
In IR-application, we must use PLL/32768 Hz crystal combination
of clock sources to get PLL Freq = 4.85MHz.
Next, the 4.85MHz
PLL Freq is sent to the duty controller to generate 37.9KHz and
1/8 duty resolution IR-output pulse.
The 37.9KHz IR-output
pulse is delivered to Port IOA7 and controlled by software or
Timer-overflow.
5.9. Mask Options
PIN
Description
Comment
HCKOPT
0: ROSC; 1: PLL
LCKOPT
0: 32768 Hz oscillator
1 32768 Hz crystal
LVROFF
0: LVR enable
1: LVR disable
LVRLVL
0: 1.9V
1: 2.2V
5.10. Default Status of PINs
IOA (IOA0 ~ IOA7) => Input with pull-low
INB (IOB0 ~ IOB7) => Input with pull-low
LCD => OFF (Common = Low & Segment = Low)
CUP3_INB6 = INB6
CUP4_INB7 = INB7
V3_INB5 = INB5
COM4_SEG31 = SEG31
COM5_SEG30 = SEG30
COM6_SEG29 = SEG29
COM7_SEG28 = SEG28
INB3 (SEG30/COM9) = INB3
INB4 (SEG31/COM10) = INB4
IOA4 (COM11) = IOA4
IOA5 (COM8) = IOA5
OSCPLL = ROSC (HCKOPT Mask-option=Low)
X32I/R32I = X32K (LCKOPT Mask-option=Low)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com