Electronic Components Datasheet Search
  English  ▼

X  

AS22D5-2 Datasheet(PDF) 1 Page - DATEL, Inc.

Part # AS22D5-2
Description  (2 inch X 1.6 inch), AS series, 짹5 Volts Output
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DATEL [DATEL, Inc.]
Direct Link  http://www.datel.com/
Logo DATEL - DATEL, Inc.

AS22D5-2 Datasheet(HTML) 1 Page - DATEL, Inc.

  AS22D5-2 Datasheet HTML 1Page - DATEL, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Item # AS22D5-2, (2 inch X 1.6 inch), AS series, ±5 Volts Output
List Price QUOTE
Specifications
Minimum Input Voltage (V)
9
Maximum Input Voltage (V)
36
Output Voltage
±5 V
Maximum Output Current (A)
2
Efficiency (%)
83
Data Sheet (PDF Link)
AS Series, 20 Watt data sheet
The AS22D5-2 offers ±5 Volts output, can deliver up to 2 A of output Current in standard (2 inch X 1.6 inch)
package and provides precise regulated output voltage over a wide input range of 9 - 36 volts. This product
features high efficiency up to 83%, high power density and 1500 Volts RMS of DC isolation. These
converters are reliable and compact, with a single output voltage. These module operates over a wide case
temperature range of –25°C to +71°C.
Please contact DATEL if your application requires different output voltage or any other special feature
DATEL Innovation & Excellence
DATEL | 120 Forbes Blvd., Suite 125 Mansfield, MA 02048 | Phone: +1-508-964-5131 | www.datel.com
© DATEL is a registered trademark of DATEL, Inc.
5/21/2019 | Page 1 of 1


Similar Part No. - AS22D5-2

ManufacturerPart #DatasheetDescription
logo
DATEL, Inc.
AS22D12-0.83 DATEL-AS22D12-0.83 Datasheet
168Kb / 1P
(2 inch X 1.6 inch), AS series, 짹12 Volts Output
AS22D15-0.66 DATEL-AS22D15-0.66 Datasheet
167Kb / 1P
(2 inch X 1.6 inch), AS series, 짹15 Volts Output
More results

Similar Description - AS22D5-2

ManufacturerPart #DatasheetDescription
logo
DATEL, Inc.
AS22D15-0.66 DATEL-AS22D15-0.66 Datasheet
167Kb / 1P
(2 inch X 1.6 inch), AS series, 짹15 Volts Output
AS22S3.3-4 DATEL-AS22S3.3-4 Datasheet
147Kb / 1P
(2 inch X 1.6 inch), AS series, 3.3 Volts Output
AS22S3.3-7.5 DATEL-AS22S3.3-7.5 Datasheet
147Kb / 1P
(2 inch X 1.6 inch), AS series, 3.3 Volts Output
AS22S5-4 DATEL-AS22S5-4 Datasheet
147Kb / 1P
(2 inch X 1.6 inch), AS series, 5 Volts Output
AS22S5-6 DATEL-AS22S5-6 Datasheet
146Kb / 1P
(2 inch X 1.6 inch), AS series, 5 Volts Output
AS22S12-2.5 DATEL-AS22S12-2.5 Datasheet
146Kb / 1P
(2 inch X 1.6 inch), AS series, 12 Volts Output
AS22S15-2 DATEL-AS22S15-2 Datasheet
146Kb / 1P
(2 inch X 1.6 inch), AS series, 15 Volts Output
AS45D5-2 DATEL-AS45D5-2 Datasheet
167Kb / 1P
(2 inch X 1.6 inch), AS series, 짹5 Volts Output
AS45D12-0.83 DATEL-AS45D12-0.83 Datasheet
168Kb / 1P
(2 inch X 1.6 inch), AS series, 짹12 Volts Output
AS45S5-4 DATEL-AS45S5-4 Datasheet
147Kb / 1P
(2 inch X 1.6 inch), AS series, 5 Volts Output
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com