Electronic Components Datasheet Search
  English  ▼

X  

MSUHF Datasheet(PDF) 2 Page - Mixed Signal Integration

Part # MSUHF
Description  High Frequency Resistor Programmable Universal Active Filter
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSI [Mixed Signal Integration]
Direct Link  https://www.mix-sig.com
Logo MSI - Mixed Signal Integration

MSUHF Datasheet(HTML) 2 Page - Mixed Signal Integration

  MSUHF Datasheet HTML 1Page - Mixed Signal Integration MSUHF Datasheet HTML 2Page - Mixed Signal Integration MSUHF Datasheet HTML 3Page - Mixed Signal Integration MSUHF Datasheet HTML 4Page - Mixed Signal Integration MSUHF Datasheet HTML 5Page - Mixed Signal Integration MSUHF Datasheet HTML 6Page - Mixed Signal Integration MSUHF Datasheet HTML 7Page - Mixed Signal Integration  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
EElleeccttrriiccaall C
Chhaarraacctteerriissttiiccss___________
B
Blloocckk D
Diiaaggrraam
m_________________________
5/98
High Frequency Resistor Programmable Universal Active Filter
Data Sheet
Web Site “www.mix-sig.com”
© 1998 Mixed Signal Integration
2
note(1): the clock to corner ratio is
one-half the sample to corner ratio
note(2): 100mV sine wave clock requires capacitive coupling
PARAMETERS
SYMBOL
CONDITIONS
MIN TYP MAX UNITS
DC Specifications
Operating Voltage
VDD
4.5
5.0
5.5
V
Supply Current
IDD
MSU2HF1 PWR = 1
8
mA
MSU2HF1 PWR = 0
25
mA
MSU1HF1/3
6
mA
MSU1HF2/4
15
mA
Output Impedance
700
ohm
Output Offset
20
mV
AC Specifications
Output Swing
4.0
4.5
Vp-p
Input Impedance
Zin
1
Mohm
Nominal Sample to
Fo
MSU2HF1 FO = 1
6.25
corner
FO = 0
12.5
MSU1HF1/2
6.25
MSU1HF3/4
12.5
Center/Corner Range
MSU2HF1 PWR = 1
100
KHz
note(1)
PWR = 0
500
KHz
MSU1HF1/3
100
KHz
MSU1HF2/4
500
KHz
Clock Input Voltage
CKin
0.1note(2)
5
Vp-p
LP
OUT
C
SCF
R
SCF
SCF
R
R/4
CF01
C
BP1
HP
BP
C
CHP
o
o
o
o
o
o
o
CF02
*R /2
R/2
*BPP input is noninverting



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com