Electronic Components Datasheet Search
  English  ▼

X  

SM6103PSFP Datasheet(PDF) 4 Page - Sinopower Semiconductor Inc

Part # SM6103PSFP
Description  P-Channel Enhancement Mode MOSFET
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SINOPWER [Sinopower Semiconductor Inc]
Direct Link  http://www.sinopowersemi.com/Form2/index.aspx
Logo SINOPWER - Sinopower Semiconductor Inc

SM6103PSFP Datasheet(HTML) 4 Page - Sinopower Semiconductor Inc

  SM6103PSFP Datasheet HTML 1Page - Sinopower Semiconductor Inc SM6103PSFP Datasheet HTML 2Page - Sinopower Semiconductor Inc SM6103PSFP Datasheet HTML 3Page - Sinopower Semiconductor Inc SM6103PSFP Datasheet HTML 4Page - Sinopower Semiconductor Inc SM6103PSFP Datasheet HTML 5Page - Sinopower Semiconductor Inc SM6103PSFP Datasheet HTML 6Page - Sinopower Semiconductor Inc SM6103PSFP Datasheet HTML 7Page - Sinopower Semiconductor Inc SM6103PSFP Datasheet HTML 8Page - Sinopower Semiconductor Inc SM6103PSFP Datasheet HTML 9Page - Sinopower Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
www.sinopowersemi.com
4
SM6103PSFP
Copyright
© Sinopower Semiconductor, Inc.
Rev. A.2 - March, 2015
®
Typical Operating Characteristics
Drain Current
T
j - Junction Temperature (°C)
Safe Operation Area
-V
DS - Drain - Source Voltage (V)
Thermal Transient Impedance
Square Wave Pulse Duration (sec)
Power Dissipation
T
j - Junction Temperature (°C)
0
20
40
60
80
100 120 140 160
0
8
16
24
32
40
T
C
=25
o
C
0
20
40
60
80
100 120 140 160
0
3
6
9
12
15
T
C
=25
oC,V
G
=-10V
0.1
1
10
100
300
0.1
1
10
100
300
100
µs
10ms
1ms
DC
T
C
=25
oC
1E-6
1E-5
1E-4
1E-3
0.01
0.1
0.5
1E-4
1E-3
0.01
0.1
1
3
R
θJC :3.5
oC/W
0.01
0.02
0.05
0.1
0.2
Single Pulse
Duty = 0.5



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com