Electronic Components Datasheet Search
  English  ▼

X  

GPL16218B Datasheet(PDF) 4 Page - Generalplus Technology Inc.

Part # GPL16218B
Description  Advanced Game / ELA SoC with ?춙 nSP 2.0
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENERALPLUS [Generalplus Technology Inc.]
Direct Link  http://www.generalplus.com
Logo GENERALPLUS - Generalplus Technology Inc.

GPL16218B Datasheet(HTML) 4 Page - Generalplus Technology Inc.

  GPL16218B Datasheet HTML 1Page - Generalplus Technology Inc. GPL16218B Datasheet HTML 2Page - Generalplus Technology Inc. GPL16218B Datasheet HTML 3Page - Generalplus Technology Inc. GPL16218B Datasheet HTML 4Page - Generalplus Technology Inc. GPL16218B Datasheet HTML 5Page - Generalplus Technology Inc. GPL16218B Datasheet HTML 6Page - Generalplus Technology Inc. GPL16218B Datasheet HTML 7Page - Generalplus Technology Inc. GPL16218B Datasheet HTML 8Page - Generalplus Technology Inc. GPL16218B Datasheet HTML 9Page - Generalplus Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
GPL16218B
© Generalplus Technology Inc.
Proprietary & Confidential
4
Nov. 21, 2016
Version: 1.0
Advanced Game / ELA SoC with
’nSP® 2.0
1. GENERAL DESCRIPTION
The Generalplus GPL16218B is highly integrated system-on-a
chip
and
it
targets
a
cost-effective,
high
performance
micro-controller solution for game, education and e-learning
applications.
It embeds
’nSP® 2.0 (16-bit CPU developed by
Sunplus Technology) with 4KB I-cache, picture process unit (PPU),
TV encoder with QVGA output, 16 channels sound process unit
(SPU), ROM/SRAM/NOR FLASH controller, two channel DMA
controller, six-channel 16-bit timers, SD/MMC memory interface,
USB device, mono STN-LCD and TFT-LCD interface, interrupt
controller, SPI master controller, programmable I/O ports, 16-bit
DAC for audio playback, PLL, de-flicker, divider and embedded
12K*16 bits SRAM, and 4K*16 ROM, all in a single compact
Integrated circuit.
By providing a complete set of common system peripherals, the
Generalplus GPL16218B chip minimizes overall system costs and
eliminates the need to configure additional components.
The
GPL16218B provides not only the high-speed performance and
low cost for a system, but it also integrates several powerful tools
into the development system, such as development system with C
language, assembly compiler, linker, source debugger functions
and project management tools.
2. BLOCK DIAGRAM
ROM/RAM/
NOR FLASH
Controller
’nSP™ 2.0
With ICE
Deflicker
USB Transceiver
RTC
PLL
Regulator
16-bit DACx2
Signed divider
TV Encoder
System Control
SRAM 12K*16
2-ch DMA
USB
device
Controller
SPI Master
STN/TFT-LCD
SD/MMC Controller
6 Timers
ROM 4K*16
2K*16 I-Cache
PPU
16-ch SPU
3. FEATURES
’nSP® 2.0 16-bit CPU with frequency up to 96MHz.
 4K bytes I-cache.
 12k*16 bits SRAM for programming or LCD frame buffers.
 4K*16 bits ROM for boot code.
 Picture Process Unit (PPU)
 Four Text layers + 256 Sprites
 QVGA output
 Line base or Frame base operation
 De-flicker for TV output
 Up-to 4096x4096 Text Size
 Alpha-channel sprite
 Sound Process Unit (SPU)
 Sixteen hardware PCM/ADPCM channels
 Built-in sound compressor
 Static memory controller. (ROM/SRAM/NOR FLASH/Page
Memory)
 Two-channel DMA controller.
 Mono and 16 gray STN-LCD controller.
 TFT-LCD controller which can be UPS051(serial RGB),
UPS052(serial RGB dummy), parallel RGB, i80(8-bit/16-bit
system bus) I/F type, and CCIR601/CCIR656.
 29 sources Interrupt Controller.
 Universal Serial Bus (USB) 2.0 full speed compliant device
with built-in transceiver.
 Watch-dog timer.
 32-bit by 32-bit signed divider
 Real-time clock.
 Six 16-bit timers.
 SD/MMC memory interface.
 SPI master interface.
 51 Programmable general I/O ports with pull-high/low control.
 Power manager.
 Built-in 3.0V to 1.8V Regulator.
 Low voltage reset.
 96MHz, 27MHz and 12MHz PLL.
 16-bit stereo DAC(2ch) for audio playback.
 TV encoder which support NTSC/PAL output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com