Electronic Components Datasheet Search
  English  ▼

X  

MSC1210 Datasheet(PDF) 2 Page - OKI electronic componets

Part # MSC1210
Description  Clock For 1/2 Duty VFD
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSC1210 Datasheet(HTML) 2 Page - OKI electronic componets

  MSC1210 Datasheet HTML 1Page - OKI electronic componets MSC1210 Datasheet HTML 2Page - OKI electronic componets MSC1210 Datasheet HTML 3Page - OKI electronic componets MSC1210 Datasheet HTML 4Page - OKI electronic componets MSC1210 Datasheet HTML 5Page - OKI electronic componets MSC1210 Datasheet HTML 6Page - OKI electronic componets MSC1210 Datasheet HTML 7Page - OKI electronic componets MSC1210 Datasheet HTML 8Page - OKI electronic componets MSC1210 Datasheet HTML 9Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
2/11
MSC1210
¡ Semiconductor
FEDL1210-03
PIN CONFIGURATION (TOP VIEW)
XT
XT
1
GR1
32
GR2
2
2a, 2d
31
3
2b, 4b, 4c
30
4NC
29
64 Hz
52f
28
TEST
6
2c, col
*
27
BLANK
7
2c, col'
*
26
DIM1
82e
25
DIM2
92g
24
10
1d, 3d
23
11
1e, 3e
22
12
1c, 3c
21
A/C
13
1g, 3g
20
NC
14
1f, 3f
19
ZA
15
1b, 3b
18
HS
16
1a, 3a
17
MS
VCC
VDD
VSS
32-Pin Plastic SSOP
*
col indicates a blink colon and col' indicates a light colon.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com