Electronic Components Datasheet Search
  English  ▼

X  

SC0691 Datasheet(PDF) 1 Page - SHENZHEN FUMAN ELECTRONICS CO., LTD.

Part # SC0691
Description  LCD driver flashing IC
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUMAN [SHENZHEN FUMAN ELECTRONICS CO., LTD.]
Direct Link  http://www.superchip.cn
Logo FUMAN - SHENZHEN FUMAN ELECTRONICS CO., LTD.

SC0691 Datasheet(HTML) 1 Page - SHENZHEN FUMAN ELECTRONICS CO., LTD.

  SC0691 Datasheet HTML 1Page - SHENZHEN FUMAN ELECTRONICS CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
深圳市富满电子有限公司
SHENZHEN FUMAN ELECTRONICS CO., LTD.
SC0691(文件编号:S&CIC0547)
LCD 驱动闪烁 IC
第 1 页 共 1 页
一、功能描述
SC0691 是一款采用新 CMOS 制程技术,极低功耗的 LCD 驱动 IC,能驱动 LCD 亮灭闪烁。
二、特性
 LCD 闪烁频率:0.3Hz
 Duty:1/2
三、电气参数(VDD = 3.0V,T
A = 25℃)
特性
符号
最小
典型
最大
单位
工作电压
VDD
1.0
3.0
5.0
V
工作电流
Iop
-
2
3
uA
温度
TA
-
25
60
℃
闪烁频率
fLCD
-
0.3
-
Hz
四、电路图
1
2
3
4
5
6
A
B
C
D
6
5
4
3
2
1
D
C
B
A
Title
Number
Revision
Size
B
Date:
14-Mar-2007
Sheet
of
File:
E:\规格书\规格图\规格图-0\ZBO\SCxxx.ddb
Drawn By :
IC衬底接VDD
VSS
VDD
LCD
LCD屏


Similar Part No. - SC0691

ManufacturerPart #DatasheetDescription
logo
SHENZHEN FUMAN ELECTRON...
SC0691B FUMAN-SC0691B Datasheet
74Kb / 1P
LCD driver flashing IC
More results

Similar Description - SC0691

ManufacturerPart #DatasheetDescription
logo
Princeton Technology Co...
PT6607 PTC-PT6607 Datasheet
67Kb / 5P
LCD Driver IC?
PT6608 PTC-PT6608 Datasheet
71Kb / 5P
LCD Driver IC?
PT6524 PTC-PT6524 Datasheet
466Kb / 7P
LCD Driver IC
PT6554 PTC-PT6554 Datasheet
671Kb / 6P
LCD Driver IC
PT6520 PTC-PT6520 Datasheet
335Kb / 27P
LCD Driver IC
PT6584 PTC-PT6584 Datasheet
558Kb / 42P
LCD Driver IC
PT6524 PTC-PT6524_10 Datasheet
1Mb / 24P
LCD Driver IC
PT6526 PTC-PT6526 Datasheet
1Mb / 24P
LCD Driver IC
logo
SHENZHEN FUMAN ELECTRON...
SC0691B FUMAN-SC0691B Datasheet
74Kb / 1P
LCD driver flashing IC
SC6523 FUMAN-SC6523 Datasheet
119Kb / 5P
LCD driver IC
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com