Electronic Components Datasheet Search
  English  ▼

X  

SC1001 Datasheet(PDF) 3 Page - SHENZHEN FUMAN ELECTRONICS CO., LTD.

Part # SC1001
Description  EL LAMP DRIVER IC
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUMAN [SHENZHEN FUMAN ELECTRONICS CO., LTD.]
Direct Link  http://www.superchip.cn
Logo FUMAN - SHENZHEN FUMAN ELECTRONICS CO., LTD.

SC1001 Datasheet(HTML) 3 Page - SHENZHEN FUMAN ELECTRONICS CO., LTD.

  SC1001 Datasheet HTML 1Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. SC1001 Datasheet HTML 2Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. SC1001 Datasheet HTML 3Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. SC1001 Datasheet HTML 4Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. SC1001 Datasheet HTML 5Page - SHENZHEN FUMAN ELECTRONICS CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
深圳市富满电子有限公司
SHENZHEN FUMAN ELECTRONICS CO., LTD.
SC1001(文件编号:S&CIC0549)
EL LAMP DRIVER IC
第 3 页 共 5 页
PAD DIAGRAM
PAD No
PAD Name
X
Y
1
IND
-315.50
183.50
2
EL
-315.50
53.50
3
VDD
-315.50
-76.50
4
TG
-315.50
-206.50
5
VSS
315.45
-206.50
6
ALM
315.45
-76.50
7
FLSH
315.45
55.60
8
TST2
315.45
185.60
9
TST1
156.45
204.85
TIMING DIAGRAM
1
2
3
4
5
6
A
B
C
D
6
5
4
3
2
1
D
C
B
A
Title
Number
Revision
Size
B
Date:
23-Jan-2007
Sheet
of
File:
E:\规格书\规格图\规格图-0\ZBO\SC1001B.ddbDrawn By :
VDD
FLSH
TG
ALM
EL
IND
3s
3s
3s
1
2
3
4
5
6
A
B
C
D
6
5
4
3
2
1
D
C
B
A
Title
Number
Revision
Size
B
Date:
16-Mar-2007
Sheet
of
File:
E:\规格书\规格图\规格图-0\ZBO\SC1001.ddb Drawn By :
SC1001
IND
EL
VDD
TG
TST1
TST2
FLSH
ALM
VSS
衬底接VDD



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com