Electronic Components Datasheet Search
  English  ▼

X  

020ZGL Datasheet(PDF) 1 Page - HK TO-GRACE TECHNOLOGY CO.,LTD.

Part # 020ZGL
Description  Package in 12mm tape on 7" diameter reels.
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TO-GRACE [HK TO-GRACE TECHNOLOGY CO.,LTD.]
Direct Link  http://www.to-grace.com/index.html
Logo TO-GRACE - HK TO-GRACE TECHNOLOGY CO.,LTD.

020ZGL Datasheet(HTML) 1 Page - HK TO-GRACE TECHNOLOGY CO.,LTD.

  020ZGL Datasheet HTML 1Page - HK TO-GRACE TECHNOLOGY CO.,LTD. 020ZGL Datasheet HTML 2Page - HK TO-GRACE TECHNOLOGY CO.,LTD. 020ZGL Datasheet HTML 3Page - HK TO-GRACE TECHNOLOGY CO.,LTD. 020ZGL Datasheet HTML 4Page - HK TO-GRACE TECHNOLOGY CO.,LTD. 020ZGL Datasheet HTML 5Page - HK TO-GRACE TECHNOLOGY CO.,LTD. 020ZGL Datasheet HTML 6Page - HK TO-GRACE TECHNOLOGY CO.,LTD. 020ZGL Datasheet HTML 7Page - HK TO-GRACE TECHNOLOGY CO.,LTD. 020ZGL Datasheet HTML 8Page - HK TO-GRACE TECHNOLOGY CO.,LTD. 020ZGL Datasheet HTML 9Page - HK TO-GRACE TECHNOLOGY CO.,LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
LITE-ON
TECHNOLOGY
CORPORATION
P r o p e r t y o f L i t e - O n O n l y
Features
* Package i n 12mm t ape on 7" di amet er r eel s.
* Compat i bl e wi t h aut omat i c pl acement equi pment .
* Compatible with infrared and vapor phase reflow solder process.
* EIA ST D package.
* I.C. compat i bl e.
* Meet gr een pr oduct and Pb-f r ee( Accor di ng t o RoHS)
Package
Dimensions
Part No.
Lens Color
Source Color
LTST-020ZGL
limpid
InGaN Green
Notes:
1. All dimensions are in millimeters (inches).
2. Tolerance is ±0.1 mm
(.004") unless otherwise noted.
Definition of Distance Between of PAD and Reflector
Symbol
Dimension (mm)
A: The distance between pad’s bottom and reflector.
A
0
min
0.05
max
B: The tolerance between right and left pad.
B
0
min
0.03
max
C: The distance between pad and reflector.
C
0
min
0.05
max
Part No. : LTST-020ZGL
Page :
1
of
10
BNS-OD-C131/A4
Anode
 香港至恩科技有限公司  
  www.to-grace.com
公司授权代理销售LITE-ON:光耦,贴片LED灯等
进口原装,现货供应,价格优势,技术支持
电话:0755-83464948 传真:0755-83464076


Similar Part No. - 020ZGL

ManufacturerPart #DatasheetDescription
logo
HK TO-GRACE TECHNOLOGY ...
020ZBL TO-GRACE-020ZBL Datasheet
665Kb / 11P
Package in 12mm tape on 7" diameter reels.
020ZDCG TO-GRACE-020ZDCG Datasheet
672Kb / 11P
Package in 12mm tape on 7" diameter reels.
020ZDCG-E1 TO-GRACE-020ZDCG-E1 Datasheet
686Kb / 11P
Package in 12mm tape on 7" diameter reels.
020ZDCG-E2 TO-GRACE-020ZDCG-E2 Datasheet
681Kb / 11P
Package in 12mm tape on 7
020ZDCG-P1 TO-GRACE-020ZDCG-P1 Datasheet
661Kb / 11P
Package in 12mm tape on 7" diameter reels.
More results

Similar Description - 020ZGL

ManufacturerPart #DatasheetDescription
logo
HK TO-GRACE TECHNOLOGY ...
LTST-020ZBL TO-GRACE-LTST-020ZBL Datasheet
665Kb / 11P
Package in 12mm tape on 7" diameter reels.
LTST-020QRL TO-GRACE-LTST-020QRL Datasheet
612Kb / 10P
Package in 12mm tape on 7" diameter reels.
LTW-006DCG-E1 TO-GRACE-LTW-006DCG-E1 Datasheet
663Kb / 11P
Package in 12mm tape on 7" diameter reels.
LTW-006DCG-E2 TO-GRACE-LTW-006DCG-E2 Datasheet
678Kb / 11P
Package in 12mm tape on 7" diameter reels.
LTW-006DCG-P1 TO-GRACE-LTW-006DCG-P1 Datasheet
680Kb / 11P
Package in 12mm tape on 7" diameter reels.
LTW-008RGB-L TO-GRACE-LTW-008RGB-L Datasheet
724Kb / 11P
Package in 12mm tape on 7" diameter reels.
LTW-010GCG TO-GRACE-LTW-010GCG Datasheet
664Kb / 11P
Package in 12mm tape on 7" diameter reels.
LTW-020ZDCG TO-GRACE-LTW-020ZDCG Datasheet
672Kb / 11P
Package in 12mm tape on 7" diameter reels.
LTW-020ZDCG5 TO-GRACE-LTW-020ZDCG5 Datasheet
670Kb / 11P
Package in 12mm tape on 7" diameter reels.
LTW-020ZDCG-E1 TO-GRACE-LTW-020ZDCG-E1 Datasheet
686Kb / 11P
Package in 12mm tape on 7" diameter reels.
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com