Electronic Components Datasheet Search
  English  ▼

X  

SC6523 Datasheet(PDF) 3 Page - SHENZHEN FUMAN ELECTRONICS CO., LTD.

Part # SC6523
Description  LCD driver IC
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUMAN [SHENZHEN FUMAN ELECTRONICS CO., LTD.]
Direct Link  http://www.superchip.cn
Logo FUMAN - SHENZHEN FUMAN ELECTRONICS CO., LTD.

SC6523 Datasheet(HTML) 3 Page - SHENZHEN FUMAN ELECTRONICS CO., LTD.

  SC6523 Datasheet HTML 1Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. SC6523 Datasheet HTML 2Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. SC6523 Datasheet HTML 3Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. SC6523 Datasheet HTML 4Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. SC6523 Datasheet HTML 5Page - SHENZHEN FUMAN ELECTRONICS CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
深圳市富满电子有限公司
SHENZHEN FUMAN ELECTRONICS CO., LTD.
SC6523(文件编号:S&CIC0546)
液晶屏驱动 IC
第 3 页 共 5 页
1/3 偏置(普通大小显示屏)
VDD
/INH
VSS
VDD1
VDD2
CE
CLK
DI
COM1
COM2
COM3
SG1
SG52
OSC
LCD PANEL
(UP TO
156 SEGMENTS)
47KΩ
1000pF
R1
0.1uF
20pF
VDD
FROM THE
MICROCONTROLLER
C
C
IN4148
注:
1. 39KΩ≥R1≥10 KΩ
2. C≥0.047uF
1/3 偏置(大型显示屏)
VDD
/INH
VSS
VDD1
VDD2
CE
CLK
DI
COM1
COM2
COM3
SG1
SG52
OSC
LCD PANEL
(UP TO
156 SEGMENTS)
62K
1000pF
R1
0.1uF
20pF
VDD
FROM THE
MICROCONTROLLER
C
C
R
R
R
IN4148
注:
1. 39KΩ≥R1≥10 KΩ
2. C≥0.047uF
3. 10KΩ≥R≥1 KΩ



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com