Electronic Components Datasheet Search
  English  ▼

X  

LP3772 Datasheet(PDF) 4 Page - Shenzhen Xinmao Microelectronics Co., Ltd.

Part # LP3772
Description  Low power primary feedback control chip
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LANDP [Shenzhen Xinmao Microelectronics Co., Ltd.]
Direct Link  https://www.chip-hope.com/
Logo LANDP - Shenzhen Xinmao Microelectronics Co., Ltd.

LP3772 Datasheet(HTML) 4 Page - Shenzhen Xinmao Microelectronics Co., Ltd.

  LP3772 Datasheet HTML 1Page - Shenzhen Xinmao Microelectronics Co., Ltd. LP3772 Datasheet HTML 2Page - Shenzhen Xinmao Microelectronics Co., Ltd. LP3772 Datasheet HTML 3Page - Shenzhen Xinmao Microelectronics Co., Ltd. LP3772 Datasheet HTML 4Page - Shenzhen Xinmao Microelectronics Co., Ltd. LP3772 Datasheet HTML 5Page - Shenzhen Xinmao Microelectronics Co., Ltd. LP3772 Datasheet HTML 6Page - Shenzhen Xinmao Microelectronics Co., Ltd. LP3772 Datasheet HTML 7Page - Shenzhen Xinmao Microelectronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
LP3772
低功耗原边反馈控制芯片
LP3772_CN_DS_Rev.2.2
www.chip-hope.com
SHENZHEN Chip Hope Micro-electronics LTD Confidential– Customer Use Only
电气参数(注 4, 5)(无特别说明情况下,V
CC =16 V,TA =25℃)
符号
描述
条件
最小值
典型值
最大值
单位
电源电压
VCC_ST
VCC 启动电压
VCC 上升
13
15.5
18
V
VCC_UVLO
VCC 欠压保护阈值
VCC 下降
3.5
4.0
4.5
V
IST
VCC 启动电流
VCC= VCC-ST- 1V
0
0.2
0.6
uA
Icc
VCC 工作电流
500
uA
驱动
ISOURCE
驱动电流
24
30
40
mA
ISINK
关断电流
150
200
330
mA
电流采样
VCS1
恒流时电流检测阈值
500
mV
VCS2
轻载时电流检测阈值
330
mV
TLEB
前沿消隐时间
500
ns
FB 反馈
RFB
芯片内部,FB 脚电阻
VFB=4V
1
1.6
2
VFB
FB 反馈基准电压
3.94
4
4.06
V
输出线补偿
VCOMP_LINE
输出线补偿
VFB=-10V,RLINE=30K
120
mV
保护功能
VFB_OVP
FB 过压保护电压
6.5
7.0
7.5
V
TON_MAX
最大导通时间
25
uS
注 4:典型参数值为 25˚C 下测得的参数标准。
注 5:规格书的最小、最大规范范围由测试保证,典型值由设计、测试或统计分析保证。



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com