Electronic Components Datasheet Search
  English  ▼

X  

LP3773D Datasheet(PDF) 1 Page - Shenzhen Xinmao Microelectronics Co., Ltd.

Part # LP3773D
Description  Low power primary feedback control chip
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LANDP [Shenzhen Xinmao Microelectronics Co., Ltd.]
Direct Link  https://www.chip-hope.com/
Logo LANDP - Shenzhen Xinmao Microelectronics Co., Ltd.

LP3773D Datasheet(HTML) 1 Page - Shenzhen Xinmao Microelectronics Co., Ltd.

  LP3773D Datasheet HTML 1Page - Shenzhen Xinmao Microelectronics Co., Ltd. LP3773D Datasheet HTML 2Page - Shenzhen Xinmao Microelectronics Co., Ltd. LP3773D Datasheet HTML 3Page - Shenzhen Xinmao Microelectronics Co., Ltd. LP3773D Datasheet HTML 4Page - Shenzhen Xinmao Microelectronics Co., Ltd. LP3773D Datasheet HTML 5Page - Shenzhen Xinmao Microelectronics Co., Ltd. LP3773D Datasheet HTML 6Page - Shenzhen Xinmao Microelectronics Co., Ltd. LP3773D Datasheet HTML 7Page - Shenzhen Xinmao Microelectronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
LP3773D
低功耗原边反馈控制芯片
LP3773D_CN_DS_Rev.0.99
www.chip-hope.com
WUXI Chip Hope Micro-electronicsLTD Confidential– Customer Use Only
概述
LP3773D 是一款恒压、恒流的原边反馈控制芯片,
内置 VCBO 为 850V 的功率三极管,适用于充电器和
适配器。
LP3773D 采用特有的输出线损补偿技术,可以有效
的补偿输出电流在输出线上的损耗压降。
LP3773D 是芯茂微最新一代的恒压、恒流控制芯片,
优化了动态响应和驱动等性能,能做更大的输出功
率。
LP3773D 具有多重保护功能,包括开路保护,过压
保护,短路保护、过温保护等功能。
LP3773D 采用 SOP7 封装
特点
适用 5V/1.5A 方案
谷底开通机制,提升系统效率
内置大功率 BJT
恒压、恒流精度高
≦75mW 待机功耗
特有的输出线损补偿技术
Hiccup 功能
开路、短路保护
过压、欠压保护
过温保护
应用
手机、无绳电话、PDA、MP3 和其它便携式设
备等的适配器、充电器
LED 驱动电源
线性电源和 RCC 开关电源升级换代
其它辅助电源等
典型应用
AC
Vout
+
-
C
VCC
FB
CS
E
GND
图 1 LP3773D 典型应用图


Similar Part No. - LP3773D

ManufacturerPart #DatasheetDescription
logo
Shenzhen Xinmao Microel...
LP3773 LANDP-LP3773 Datasheet
665Kb / 9P
Low-Power off-line / PSR controller
LP3773A LANDP-LP3773A Datasheet
533Kb / 7P
Low power primary feedback control chip
LP3773B LANDP-LP3773B Datasheet
528Kb / 7P
Low power primary feedback control chip
LP3773C LANDP-LP3773C Datasheet
530Kb / 7P
Low power primary feedback control chip
LP3773CA LANDP-LP3773CA Datasheet
534Kb / 7P
Low power primary feedback control chip
More results

Similar Description - LP3773D

ManufacturerPart #DatasheetDescription
logo
Shenzhen Xinmao Microel...
LP2774 LANDP-LP2774 Datasheet
532Kb / 7P
Low power primary feedback control chip
LP2775 LANDP-LP2775 Datasheet
518Kb / 7P
Low power primary feedback control chip
LP2792 LANDP-LP2792 Datasheet
514Kb / 7P
Low power primary feedback control chip
LP3716CS LANDP-LP3716CS Datasheet
500Kb / 7P
Low power primary feedback control chip
LP3773B LANDP-LP3773B Datasheet
528Kb / 7P
Low power primary feedback control chip
LP3773C LANDP-LP3773C Datasheet
530Kb / 7P
Low power primary feedback control chip
LP3783B LANDP-LP3783B Datasheet
539Kb / 7P
Low power primary feedback control chip
LP3783BM LANDP-LP3783BM Datasheet
543Kb / 7P
Low power primary feedback control chip
S9111A LANDP-S9111A Datasheet
529Kb / 7P
Low power primary feedback control chip
S9111C LANDP-S9111C Datasheet
529Kb / 7P
Low power primary feedback control chip
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com