Electronic Components Datasheet Search
  English  ▼

X  

CLA1A-WKB Datasheet(PDF) 3 Page - Cree, Inc

Part # CLA1A-WKB
Description  Cree짰 PLCC4 1 in 1 SMD LED
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

CLA1A-WKB Datasheet(HTML) 3 Page - Cree, Inc

  CLA1A-WKB Datasheet HTML 1Page - Cree, Inc CLA1A-WKB Datasheet HTML 2Page - Cree, Inc CLA1A-WKB Datasheet HTML 3Page - Cree, Inc CLA1A-WKB Datasheet HTML 4Page - Cree, Inc CLA1A-WKB Datasheet HTML 5Page - Cree, Inc CLA1A-WKB Datasheet HTML 6Page - Cree, Inc CLA1A-WKB Datasheet HTML 7Page - Cree, Inc CLA1A-WKB Datasheet HTML 8Page - Cree, Inc CLA1A-WKB Datasheet HTML 9Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Copyright © 2010 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree, the Cree logo and XLamp are registered trademarks
of Cree, Inc.
3
Copyright © 2018 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree and the Cree logo are registered trademarks of Cree, Inc.
3
Cree PLCC4 1 in 1 SMD LED
CLA1A-WKB
Cool White
Bin Code
Min.(V)
Max.(V)
27
2.8
3.0
28
3.0
3.2
29
3.2
3.4
2a
3.4
3.6
2b
3.6
3.8
2c
3.8
4.0
2d
4.0
4.2
Tolerance of measurement of luminous intensity is ±10%.
Tolerance of measurement of VF is ±0.05V.
Cool White
Bin Code
Min.(mcd)
Max.(mcd)
Wb
1400
1800
Xa
1800
2240
Xb
2240
2800
Ya
2800
3550
VF BIN LIMIT (I
F = 30 mA)
INTENSITY BIN LIMIT (I
F = 30 mA)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com