Electronic Components Datasheet Search
  English  ▼

X  

SI2399DS Datasheet(PDF) 4 Page - Guangdong Kexin Industrial Co.,Ltd

Part # SI2399DS
Description  P-Channel MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

SI2399DS Datasheet(HTML) 4 Page - Guangdong Kexin Industrial Co.,Ltd

  SI2399DS Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd SI2399DS Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd SI2399DS Datasheet HTML 3Page - Guangdong Kexin Industrial Co.,Ltd SI2399DS Datasheet HTML 4Page - Guangdong Kexin Industrial Co.,Ltd SI2399DS Datasheet HTML 5Page - Guangdong Kexin Industrial Co.,Ltd SI2399DS Datasheet HTML 6Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
SMD Type
www.kexin.com.cn
4
MOSFET
.
■
Typical Characterisitics
Source-Drain Diode Forward Voltage
0.1
1
10
0.0
0.2
0.4
0.6
0.8
1.0
1.2
VSD - Source-to-Drain Voltage (V)
TJ = 150 °C
TJ = 25 °C
On-Resistance vs. Gate-to-Source Voltage
0
0.02
0.04
0.06
0.08
2
4
6
8
10
VGS - Gate-to-Source Voltage (V)
TJ = 125 °C
TJ = 25 °C
ID = 5.1 A
Threshold Voltage
0.5
0.7
0.8
1.0
1.1
- 50
- 25
0
25
50
75
100
125
150
TJ - Temperature (°C)
ID = 250 µA
Single Pulse Power
0
2
4
6
8
10
0.01
0.1
1
10
100
1000
Time (s)
TA = 25 °C
Safe Operating Area
0.01
0.1
1
10
0.1
1
10
100
VDS - Drain-to-Source Voltage (V)
* VGS > minimum VGS at which RDS(on)
100 ms
Limited by RDS(on)*
1 ms
TC = 25 °C
Single Pulse
BVDSS Limited
10 ms
100 µs
1 s, 10 s
DC
P-Channel MOSFET
SI2399DS (KI2399DS)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com