Electronic Components Datasheet Search
  English  ▼

X  

WPM2005B Datasheet(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

Part # WPM2005B
Description  PSchottky Hybrid MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

WPM2005B Datasheet(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  WPM2005B Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd WPM2005B Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd WPM2005B Datasheet HTML 3Page - Guangdong Kexin Industrial Co.,Ltd WPM2005B Datasheet HTML 4Page - Guangdong Kexin Industrial Co.,Ltd WPM2005B Datasheet HTML 5Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SMD Type
www.kexin.com.cn
1
MOSFET
P+Schottky Hybrid MOSFET
WPM2005B (KPM2005B)
■
Features
●
VDS (V) =-20V
●
ID =-2.7 A (VGS =-10V)
●
RDS(ON) < 125mΩ (VGS =-4.5V)
●
RDS(ON) < 160mΩ (VGS =-2.5V)
●
Ultra Low VF Schottky
DFN3X2-8L
0.35 (max)
0.24 (min)
0.65 BSC
0.80 ± 0.1
0.25 (max)
0.08 (min)
0.05 (max)
3.00 BSC
Unit:mm
■
Absolute Maximum Ratings Ta = 25℃
Parameter
Symbol
MOSFET
Schottky
Unit
Drain-Source Voltage
VDS
-20
-
Gate-Source Voltage
VGS
±
8
-
Peak Repetitive Reverse Voltage
VRRM
-
20
DC Blocking Voltage
VR
-
20
Continuous Drain Current
ID
-2.7
-
Pulsed Drain Current
IDM
-10
-
Average Rectified Forward Current
IF
-
1
Power Dissipation
PD
1.1
-
W
Thermal Resistance.Junction- to-Ambient
RthJA
110
-
℃
/W
Junction Temperature
TJ
Junction Storage Temperature Range
Tstg
℃
V
A
150
-55 to 150
8
7
6
5
4
3
2
1
C
C
D
D
A
A
S
G


Similar Part No. - WPM2005B

ManufacturerPart #DatasheetDescription
logo
Will Semiconductor Ltd.
WPM2005B WILLSEMI-WPM2005B Datasheet
2Mb / 6P
Power MOSFET and Schottky Diode
WPM2005B8/TR WILLSEMI-WPM2005B8/TR Datasheet
2Mb / 6P
Power MOSFET and Schottky Diode
More results

Similar Description - WPM2005B

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
MCH5818 SANYO-MCH5818 Datasheet
40Kb / 5P
MOSFET : P-Channel Silicon MOSFET SBD : Schottky Barrier Diode
logo
Advanced Power Technolo...
DRF1200 ADPOW-DRF1200 Datasheet
1Mb / 8P
MOSFET Driver Hybrid
logo
Sanyo Semicon Device
VEC2815 SANYO-VEC2815 Datasheet
72Kb / 6P
MOSFET : P-Channel Silicon MOSFET SBD : Schottky Barrier Diode
logo
Stanson Technology
STM5853 STANSON-STM5853 Datasheet
239Kb / 7P
P Channel Mode MOSFET with Schottky
logo
Microsemi Corporation
DRF100 MICROSEMI-DRF100 Datasheet
115Kb / 4P
MOSFET Driver Hybrid
DRF1200 MICROSEMI-DRF1200 Datasheet
233Kb / 4P
MOSFET Driver Hybrid
DRF1201 MICROSEMI-DRF1201_11 Datasheet
256Kb / 4P
MOSFET Driver Hybrid
logo
Taiwan Semiconductor Co...
TSM301K12CQ TSC-TSM301K12CQ_13 Datasheet
455Kb / 7P
20V P-Channel MOSFET with Schottky Diode
logo
Jiangsu Changjiang Elec...
CJ5853DC JIANGSU-CJ5853DC Datasheet
1Mb / 6P
P-channel MOSFET and Schottky Barrier Diode
logo
Guangdong Kexin Industr...
SSF4703 KEXIN-SSF4703 Datasheet
864Kb / 3P
PSchottky Hybrid MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com